Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5522
Description  Programmable LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5522 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments LP5522 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1st ON time
1st OFF time
CTRL
LED
2nd ON
time
2nd OFF
time
tENTER
To Standby
Blank period
Command entering
period
Blank period
CTRL
LED
1st ON Time
1st OFF Time
starts
LP5522
SNVS488A – JUNE 2007 – REVISED MARCH 2013
www.ti.com
TRAINING START COMMAND
Blinking sequence is programmed into memory in training mode. Blinking sequence is stored into volatile
memory, thus removing input voltage VIN resets the memory. Memory can also be reset by giving Training Start
and Training End commands without any valid LED ON/OFF times.
LP5522 enters to Training mode after Training Start command. Two rising edges within command entering
period is interpreted as the Training Start command. The first LED ON time capturing is started once the rising
edge of CTRL signal is detected after the blank period. LED output follows CTRL signal during the programming.
The first LED ON time is recorded once CTRL signal is set low. Same time the first LED OFF time capturing is
started. Programmed blinking sequence can have one to three LED ON/OFF times. In order to be programmed
correctly, at least one valid LED ON and LED OFF time must be recorded.
TRAINING END COMMAND
Blinking sequence programming ends once Training End command is introduced. Three rising edges within time
period of tENTER is interpreted as Training End command. Note that blank period is also reguired after Training
End command. During blanc period no rising edges are allowed.
When Training End command is introduced during LED OFF time capturing, LED OFF time is recorded and chip
goes to standby mode.
If Training End command is introduced during LED ON time capturing, the associated LED ON period is not
recorded and hence neither OFF time. Notice that valid OFF time before Training End is longer than half of
Minimum LED OFF period (T_CYCLE_L).
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com