Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5522
Description  Programmable LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5522 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 2Page - Texas Instruments LP5522 Datasheet HTML 3Page - Texas Instruments LP5522 Datasheet HTML 4Page - Texas Instruments LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RESET
STANDBY
ACTIVE
POR = L
Control command
POR
Control command
ends
POR = H
LP5522
SNVS488A – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Modes of Operation
RESET In the reset mode all functions are off and all registers are reset to the default values. Reset is entered
always if internal Power On Reset (POR) is active. Power On Reset will activate during the device startup
or when the supply voltage VIN falls below 1.5V (typ.).
STANDBY: After Power On Reset device is in Standby mode. This is the low power consumption mode, when
all circuit functions are disabled.
ACTIVE: Once rising edge of CTRL signal is detected device goes into Active mode. In Active mode four sub
modes are present:
RUN: Run mode is divided into two sub modes depending on whether a blinking sequence is programmed into
memory or not.
Non-programmed mode: No blinking sequence programmed to memory. LED output follows CTRL input
Programmed mode: Blinking sequence programmed to memory. LED output follows the programmed blinking
sequence
RUN ONCE: In Run once mode, programmed blinking sequence is performed once and after that device
returns into Standby mode. Run once mode is available only if a blinking sequence is programmed into
memory.
TRAINING: In Training mode new blinking sequence can be programmed. LED output follows CTRL signal
during the programming
TSD: If chip temperature rises above 160°C (typ.) device goes into Thermal Shut Down (TSD) mode. In TSD
mode output is disabled but supporting functions are on.
LED Driver Operational Description
The LP5522 LED driver is constant current source. Current can be set with external resistor (RISET) so that the
current ratio between resistor and LED is 1:400. RISET current correlates to ISET reference voltage (VISET).
Consequently, current through LED can be adjusted using equation IOUT = 480/RISET.
Use of external resistor is optional. If external resistor is not connected, default output current is 5 mA. When
external resistor is not used ISET pin should be connected to VDD.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com