Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP5522
Description  Programmable LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5522 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments LP5522 Datasheet HTML 14Page - Texas Instruments LP5522 Datasheet HTML 15Page - Texas Instruments LP5522 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LP5522
SNVS488A – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Recommended External Components
INPUT CAPACITOR, CIN
Although not required for normal operation, a capacitor can be added to VIN to reduce line noise. A surface-
mount multi-layer ceramic capacitor (MLCC) is recommended. MLCCs with a X7R or X5R temperature
characteristic are preferred.
CURRENT SET RESISTOR, RISET
If other than 5 mA current is required, RISET resistor can be used to adjust the current. For 20 mA current 24 kΩ
resistor is required. Accuracy of the resistor directly effects to the accuracy of the LED current. 1% or better is
recommended.
LED
Forward voltage of LED must be less than minimum input voltage minus minimum headroom voltage (VHR). For
example with 2.7V input voltage and 20 mA LED current the maximum LED forward voltage is 2.7V - 100 mV =
2.6V.
List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
CIN
VDD Bypass Capacitor
100
nF
Ceramic, X7R or X5R
RISET
Current Set Resistor for 20 mA LED Current
24
k
Ω
1%
LED
User defined
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com