Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet (PDF) - Texas Instruments

LP8720 Datasheet PDF - Texas Instruments
Part # LP8720
Download  LP8720 Download
File Size   389.48 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface

LP8720 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8720 Datasheet PDF - Texas Instruments

Part # LP8720
Download  LP8720 Click to download

File Size   389.48 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface

LP8720 Datasheet (HTML) - Texas Instruments


LP8720 Product details

1FEATURES
2• 5 Low Noise LDO’s for up to 300 mA
• One High-Efficiency Synchronous Magnetic
Buck Regulator, IOUT 400 mA
– High Efficiency PFM Mode @Low IOUT
– Auto Mode PFM/PWM Switch
– Low Inductance 2.2 μH @ 2 MHz Clock
– Dynamic Voltage Scale Control
• I2C-Compatible Interface for the Controlling of
Internal Registers
• 20-Bump 2.5 x 2.0 mm DSBGA Package

KEY SPECIFICATIONS
• Programmable VOUT from 0.8V to 2.3V on DC-
DC
• Automatic Soft Start on DC-DC
• 200 mV Typ Dropout Voltage at 300 mA on
LDO’s
• 2% (Typ) Output Voltage Accuracy on LDO’s

APPLICATIONS
• Cellular Handsets
• Portable Hand-Held Products

DESCRIPTION
The LP8720 is a multi-function, programmable Power
Management Unit, optimized for sub block power
requirement solutions. This device integrates one
highly efficient 400 mA step-down DC-DC converter
with Dynamic Voltage Scale (DVS), five low-noise low
dropout (LDO) voltage regulators, and a 400 KHz I2Ccompatible
interface to allow a host controller access
to the internal control registers of the LP8720.
Additionally, the LP8720 features programmable
power-on sequencing.
LDO regulators provide high PSRR and low noise
ideally suited for supplying power to both analog and
digital loads. The package will be the smallest 2.5
mm x 2.0 mm 20-bump DSBGA package.




Similar Part No. - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP8720 TI1-LP8720 Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
logo
National Semiconductor ...
LP8720TLE NSC-LP8720TLE Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP8720TLE/NOPB TI1-LP8720TLE/NOPB Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
logo
National Semiconductor ...
LP8720TLX NSC-LP8720TLX Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
More results


Similar Description - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP8720 TI1-LP8720 Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com