Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720 Datasheet(HTML) 5 Page - Texas Instruments

  LP8720 Datasheet HTML 1Page - Texas Instruments LP8720 Datasheet HTML 2Page - Texas Instruments LP8720 Datasheet HTML 3Page - Texas Instruments LP8720 Datasheet HTML 4Page - Texas Instruments LP8720 Datasheet HTML 5Page - Texas Instruments LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
EN
LDO1
0
1
2
3
4
5
6
7
LDO2
tBON
tS
Timing Code
Timing Code
START UP sequence
SHUT DOWN sequence
is in reverse order of START UP sequence
EN
LDO1
0
1
2
3
4
5
6
7
LDO2
LDO3
LDO3
LDO4
LDO4
LDO5
LDO5
BUCK
BUCK
STANDBY
START UP
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
SHUT DOWN
STANDBY
IDLE
Note 3
Note 3
Note 3
Note 3
Note 3
Note 4
Note 5
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
tBON 150 µs – Reference and bias turn ON. Min 100 µs max 200 µs.
tS 25 µs – time step. Time step accuracy is defined by OSC frequency accuracy.
(1)
STARTUP and SHUTDOWN sequences are defined by registers. Sequences given here are valid if there the
registers are not rewritten via Serial Interface.
(2)
The timing showed here define time points when LDO’s and BUCK are enabled/disabled. Enabling /disabling process
duration depends on loading conditions. Buck startup duration is 140 µs for no load. LDO startup duration is no more
than 35 µs. For details please see LDO’s and BUCK Electrical Specifications.
(3)
LDO1, LDO2, LDO4, LDO5 and BUCK are disabled. If LDO1, LDO2, LDO4, LDO5 and/or BUCK are enabled via
Serial Interface and startup sequence is not changed via Serial interface, then LDO1, LDO2, LDO4, LDO5 and BUCK
are disabled with no delay from falling edge on EN-pin.
(4)
At this time point registers 0x09 and 0x0C are reset to POR default values.
(5)
At this time point registers 0x00, 0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07 and 0x08 are reset to POR default values.
Figure 3. Startup Sequence if DEFSEL=GND
Table 1. Startup Sequence(1)
DEFSEL
Startup Sequence
Shutdown Sequence
VBATT
LDO1, 2, 3, 4 enable same time.
In reverse order of startup sequence.
LDO5 and BUCK enable via Serial Interface.
GND
LDO3 enable.
In reverse order of startup sequence.
LDO1, 2, 4, 5 and BUCK enable via Serial Interface .
Hi-Z
LDO1, 2, 3, 4 enable same time.
In reverse order of startup sequence.
LDO5 and BUCK enable via Serial Interface.
(1)
When IDSEL= VBATT then slave address is 7h’7F.
When IDSEL= floating (Hi-Z) then slave address is 7h’7C.
When IDSEL= GND then slave address is 7h’7D.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com