Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720 Datasheet(HTML) 1 Page - Texas Instruments

  LP8720 Datasheet HTML 1Page - Texas Instruments LP8720 Datasheet HTML 2Page - Texas Instruments LP8720 Datasheet HTML 3Page - Texas Instruments LP8720 Datasheet HTML 4Page - Texas Instruments LP8720 Datasheet HTML 5Page - Texas Instruments LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LDO1
1 µF
1.2V-3.3V
@300 mA
1 µF
1.2V-3.3V
@300 mA
VDD
1.2V-3.3V
@300 mA
1 µF
LDO3
1 µF
0.8V-2.85V
@300 mA
LDO4
LDO5
1 µF
1.2V-3.3V
@300 mA
LDO2
A-type
LDO1
D-type
LDO3
A-type
LDO4
LO-type
LDO5
D-type
VBATT
2.2 µF
2.2 µF
LP8720
Voltage
Reference
Thermal
Shutdown
2.2 µF
LDO2
0.8V...2.3V
@400mA
Buck
10 µF
2.2 µH
SW
FB
GNDB
VINB
10 µF
VBATT
10k
1.5k
1.5k
VSI
SDA
IRQ_N
SCL
EN
DVS
Serial Interface
and
Control
VBATT
DEFSEL
VBATT
IDSEL
GND
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
Check for Samples: LP8720
1
FEATURES
APPLICATIONS
2
•
5 Low Noise LDO’s for up to 300 mA
•
Cellular Handsets
•
One High-Efficiency Synchronous Magnetic
•
Portable Hand-Held Products
Buck Regulator, IOUT 400 mA
DESCRIPTION
–
High Efficiency PFM Mode @Low IOUT
The LP8720 is a multi-function, programmable Power
–
Auto Mode PFM/PWM Switch
Management Unit, optimized for sub block power
–
Low Inductance 2.2 µH @ 2 MHz Clock
requirement solutions. This device integrates one
–
Dynamic Voltage Scale Control
highly efficient 400 mA step-down DC-DC converter
with Dynamic Voltage Scale (DVS), five low-noise low
•
I2C-Compatible Interface for the Controlling of
dropout (LDO) voltage regulators, and a 400 KHz I2C-
Internal Registers
compatible interface to allow a host controller access
•
20-Bump 2.5 x 2.0 mm DSBGA Package
to the internal control registers of the LP8720.
Additionally, the LP8720 features programmable
KEY SPECIFICATIONS
power-on sequencing.
•
Programmable VOUT from 0.8V to 2.3V on DC-
LDO regulators provide high PSRR and low noise
DC
ideally suited for supplying power to both analog and
digital loads. The package will be the smallest 2.5
•
Automatic Soft Start on DC-DC
mm x 2.0 mm 20-bump DSBGA package.
•
200 mV Typ Dropout Voltage at 300 mA on
LDO’s
•
2% (Typ) Output Voltage Accuracy on LDO’s
Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP8720 TI1-LP8720 Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
logo
National Semiconductor ...
LP8720TLE NSC-LP8720TLE Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP8720TLE/NOPB TI1-LP8720TLE/NOPB Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
logo
National Semiconductor ...
LP8720TLX NSC-LP8720TLX Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
More results

Similar Description - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP8720 TI1-LP8720 Datasheet
839Kb / 26P
LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com