Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 2Page - Texas Instruments LP8720 Datasheet HTML 3Page - Texas Instruments LP8720 Datasheet HTML 4Page - Texas Instruments LP8720 Datasheet HTML 5Page - Texas Instruments LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments LP8720 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Table 2. Default Output Voltages(1)(2)
Output
Max Current [mA]
Default output Voltage [V] and default ON/OFF if EN=HI
DEFSEL=VBATT
DEFSEL=GND
DEFSEL=Hi-Z
LDO1
300
3.0 ON
3.0 OFF
2.8 ON
LDO2
300
2.6 ON
3.0 OFF
2.6 ON
LDO3
300
1.8 ON
2.6 ON
1.8 ON
LDO4
300
1.0 ON
2.6 OFF
1.2 ON
LDO5
300
3.3 OFF
3.3 OFF
3.3 OFF
BUCK
400
1.0 OFF
1.2/1.31) OFF
1.2 OFF
(1)
BUCK voltage is 1.2V if DVS=LO and 1.3V if DVS=HI.
(2)
When IDSEL= VBATT then slave address is 7h’7F
When IDSEL= floating (Hi-Z) then slave address is 7h’7C
When IDSEL= GND then slave address is 7h’7D
Table 3. Control Register Map(1)
POR default
DEFSEL
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VBATT
GND
Hi-Z
GENERAL_
EXT_DVS_
EXT_SLEEP_
SHORT_
0x00
0000 0001
0000 0101
0000 0001
SETTINGS
CONTROL
CONTROL
TIMESTEP
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
LDO1_
0x01
0111 1101
1111 1101
0111 1001
SETTINGS
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
LDO2_
0x02
0111 0101
1111 1101
0111 0101
SETTINGS
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
LDO3_
0x03
0110 1100
0111 0101
0110 1100
SETTINGS
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
LDO4_
0x04
0110 0011
1111 1010
0110 0101
SETTINGS
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
LDO5_
0x05
1111 1111
1111 1111
1111 1111
SETTINGS
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
0x06
1110 0101
1110 1011
1110 1001
SETTINGS1
T[2]
T[1]
T[0]
V1[4]
V1[3]
V1[2]
V1[1]
V1[0]
BUCK_
FORCE_
BUCK_
BUCK_
BUCK_
BUCK_
BUCK_
0x07
0000 0101
0000 1001
0000 1001
SETTINGS2
PWM
V2[4]
V2[3]
V2[2]
V2[1]
V2[0]
ENABLE_
DVS_
SLEEP_
BUCK_
LDO5_
LDO4_
LDO3_
LDO2_
LDO1_
0x08
1000 1111
1000 0100
1000 1111
BITS
V2/V1
MODE
EN
EN
EN
EN
EN
EN
PULLDOWN_
APU_
BUCK_
LDO5_
LDO4_
LDO3_
LDO2_
LDO1_
0x09
0011 1111
0011 1111
0011 1111
BITS
TSD
PULLDOWN
PULLDOWN
PULLDOWN
PULLDOWN
PULLDOWN
PULLDOWN
STATUS_
0x0A
TSD
TSD_EW
0000 0000
0000 0000
0000 0000
BITS
INTERRUPT_
TSD_
TSD_EW_
0x0B
0000 0000
0000 0000
0000 0000
BITS
(2)
INT
INT
INTERRUPT_
TSD_
TSD_EW_
0x0C
0000 0011
0000 0011
0000 0011
MASK
(2)
MASK
MASK
(1)
When IDSEL= VBATT then slave address is 7h’7F.
When IDSEL= floating (Hi-Z) then slave address is 7h’7C.
When IDSEL= GND then slave address is 7h’7D.
(2)
Registers STATUS_BITS 0x0A and INTERRUPT_BITS 0x0B are read only.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com