Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC12. Datasheet (PDF) - IDEC Corporation

PS5R-VC12. Datasheet PDF - IDEC Corporation
Part # PS5R-VC12.
Download  PS5R-VC12. Download
File Size   1500.74 Kbytes
Page   8 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Switching Power Supplies

PS5R-VC12. Datasheet (PDF)

Go To PDF Page Download Datasheet
PS5R-VC12. Datasheet PDF - IDEC Corporation

Part # PS5R-VC12.
Download  PS5R-VC12. Click to download

File Size   1500.74 Kbytes
Page   8 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Switching Power Supplies

PS5R-VC12. Datasheet (HTML) - IDEC Corporation


PS5R-VC12. Product details

PRODUCT DESCRIPTION
DIN-rail mount switching power supplies
with global approvals for both industrial and
hazardous locations

KEY FEATURES
• Compact size preserves panel space
• Slim size (width):
22.5mm (10W/15W/30W)
36mm (60W/90W)
46mm (120W)
60mm (240W)
• Universal Voltage Input:
85-264V AC/100-370V DC
• Wide operating temperature range
• Spring-up terminals accept ring & fork
terminals
• Approved for use in Class I Division 2
hazardous locations
• Can be installed in 6 directions
• 10W ~ 90W meet NEC Class 2 output ratings
• Overcurrent protection with auto-reset
• Meets SEMI F47 Sag Immunity (208V AC input)
• RoHS compliant
• Five-year factory warranty




Similar Part No. - PS5R-VC12.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS5R-VC12 ETC2-PS5R-VC12 Datasheet
996Kb / 7P
Switching Power Supplies
logo
IDEC Corporation
PS5R-VC12 IDEC-PS5R-VC12 Datasheet
1Mb / 8P
Switching Power Supplies
More results


Similar Description - PS5R-VC12.

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com