Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC12. Datasheet(PDF) 1 Page - IDEC Corporation

Part # PS5R-VC12.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VC12. Datasheet(HTML) 1 Page - IDEC Corporation

  PS5R-VC12. Datasheet HTML 1Page - IDEC Corporation PS5R-VC12. Datasheet HTML 2Page - IDEC Corporation PS5R-VC12. Datasheet HTML 3Page - IDEC Corporation PS5R-VC12. Datasheet HTML 4Page - IDEC Corporation PS5R-VC12. Datasheet HTML 5Page - IDEC Corporation PS5R-VC12. Datasheet HTML 6Page - IDEC Corporation PS5R-VC12. Datasheet HTML 7Page - IDEC Corporation PS5R-VC12. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Switching Power Supplies
PS5R-V Series
STANDARDS COMPLIANCE
Applicable Standards
Mark
File No. or Organization
UL508
UL13101
ANSI/ISA 12.12.01
CSA C22.2 No.107.1
CSA C22.2 No.213
CSA C22.2 No.2231
UL/c-UL Listed
File No. E467154, E177168
EN60950-1
EN50178
EN61204-3
EN50581
TÜV SÜD2
EU Low Voltage Directive
EMC Directive
RoHS Directive
SEMI F47
—
EPRI
Note 1: PS5R-VB/VC/VD/VE only
Note 2: EN60950-1, EN50178 only
POWER SUPPLY PART NUMBERS
Output Capacity
Part Number
Input Voltage
Output Voltage
Output Current
10W
PS5R-VB05
100 to 240V AC
(Voltage range: 85 to 264V AC /
100 to 370V DC)
5V
2.0A
15W
PS5R-VB12
12V
1.3A
PS5R-VB24
24V
0.65A
30W
PS5R-VC12
12V
2.5A
PS5R-VC24
24V
1.3A
60W
PS5R-VD24
24V
2.5A
90W
PS5R-VE24
24V
3.75A
120W
PS5R-VF24
24V
5.0A
240W
PS5R-VG24
24V
10.0A
Note 3: PS5R-VB only
Note 4: PS5R-VB/VC only
Use only for interpreting part numbers.
Do not use for developing part numbers.
Part Number Structure
PS5R - V  
Output Voltage
05: 5V3
12: 12V4
24: 24V
Output Capacity
B: 10W/15W
C: 30W
D: 60W
E: 90W
F: 120W
G: 240W
PRODUCT DESCRIPTION
DIN-rail mount switching power supplies
with global approvals for both industrial and
hazardous locations
KEY FEATURES
• Compact size preserves panel space
• Slim size (width):
22.5mm (10W/15W/30W)
36mm (60W/90W)
46mm (120W)
60mm (240W)
• Universal Voltage Input:
85-264V AC/100-370V DC
• Wide operating temperature range
• Spring-up terminals accept ring & fork
terminals
• Approved for use in Class I Division 2
hazardous locations
• Can be installed in 6 directions
• 10W ~ 90W meet NEC Class 2 output ratings
• Overcurrent protection with auto-reset
• Meets SEMI F47 Sag Immunity (208V AC input)
• RoHS compliant
• Five-year factory warranty


Similar Part No. - PS5R-VC12.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS5R-VC12 ETC2-PS5R-VC12 Datasheet
996Kb / 7P
Switching Power Supplies
logo
IDEC Corporation
PS5R-VC12 IDEC-PS5R-VC12 Datasheet
1Mb / 8P
Switching Power Supplies
More results

Similar Description - PS5R-VC12.

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com