Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC12. Datasheet(PDF) 8 Page - IDEC Corporation

Part # PS5R-VC12.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VC12. Datasheet(HTML) 8 Page - IDEC Corporation

  PS5R-VC12. Datasheet HTML 1Page - IDEC Corporation PS5R-VC12. Datasheet HTML 2Page - IDEC Corporation PS5R-VC12. Datasheet HTML 3Page - IDEC Corporation PS5R-VC12. Datasheet HTML 4Page - IDEC Corporation PS5R-VC12. Datasheet HTML 5Page - IDEC Corporation PS5R-VC12. Datasheet HTML 6Page - IDEC Corporation PS5R-VC12. Datasheet HTML 7Page - IDEC Corporation PS5R-VC12. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IDEC Corporation • 1175 Elko Drive • Sunnyvale, CA 94089 • 800-262-IDEC (4332) • Fax: 408-745-5258 • www.IDEC.com/usa
©2016 IDEC Corporation. All Rights Reserved. PS9Y-DS500-1a PDF Only
160328157
Installing PS9Z-6R2F Side-mount Panel Mounting Bracket
Install the bracket on the switching power supply using four M3 × 6 countersunk screws supplied
with the bracket. Recommended tightening torque is 0.5 to 0.6N.m (should be in the center
positions)
Adjustment of Output Voltage
The output voltage can be adjusted within ±10% (VE: ±5%) of the rated output voltage by using
the VR.ADJ control on the front. Turning the VR.ADJ clockwise increases the output voltage.
Turning the VR.ADJ counterclockwise decreases the output voltage.
Overcurrent Protection
The output voltage drops automatically when an overcurrent flows due to an overload or short
circuit. Normal voltage is automatically restored when the load returns to normal conditions.
Insulation/Dielectric Test
When performing an insulation/dielectric test, short-circuit the input (between L and N) and out-
put (between +V and -V). Do not apply or interrupt the voltage quickly, otherwise surge voltages
may be generated and the PS5R-V may be damaged.
Notes for Operation
• Output interruption may indicate blown fuses. Contact IDEC.
• The PS5R-V switching power supply contains an internal fuse for AC input. When using DC
input, install an external fuse. To avoid blown fuses, select a fuse in consideration of the
rated current of the internal fuse.
Rated Current of Internal Fuses
Part Number
Internal Fuse
Rated Current
PS5R-VB/VC
2A
PS5R-VD/VE/VF
4A
PS5R-VG
6.3A
• Avoid overload and short-circuit for a long period of time, otherwise the internal elements
may be damaged.
• DC input operation is not subject to safety standards.
Rust and Scratches on Metal parts
Bonded metal parts are used for the PS5R-V. Rust on the edge and scratches on the surfaces
may be developed depending on the storage condition, but the performance of the PS5R-V is not
affected.
Noise
Small acoustic noise inside the PS5R-V may be heard depending on the input voltage and load,
but the performance of the PS5R-V is not affected.
Series Operation
Series operation is allowed. Connect Schottky barrier diodes D as shown below. Select a
Schottky diode in consideration of the rated current. The diode’s reverse voltage must be higher
than the PS5R-V's output voltage.
L
D
D
N
L
N
+V
–V
L
N
+V
–V
Load
(a)
L
N
L
N
+V
–V
L
N
+V
–V
Load
Load
(b)
Parallel Operation
Parallel operation is not possible to increase the output capacity, because
the internal elements and load may be damaged.
Backup Operation
Backup operation is a connection method of two switching power supplies in parallel for
emergency. Normally one switching power supply has a sufficient output. If one switching power
supply fails, another one operates to continue the output. Make sure that the sum of power con-
sumption by load and diode is not greater than the rated wattage (rated voltage × rated current)
of one switching power supply.
−
IN
AC
OUT
−
IN
OUT
Load
D
D
Select a diode in consideration of:
Diode's current must be more than double the PS5R-V's output current. Take heat dissipation into
consideration.
WARRANTY
IDEC warranties the PS5R-V switching power supply for a period of five years from the date of
shipment.
Scope
IDEC agrees to repair or replace the PS5R-V switching power supply if the product has been oper-
ated under the following conditions. The maximum value of output capacity is within the range
shown in “Operating Temperature vs.
Output Current on page 3.
1. Average operating temperature (ambient temperature of switching power supply) is 40°C
maximum.
2. The load is 80% maximum.
3. Input voltage is the rated input voltage.
4. Standard mounting style
IDEC shall not be liable for other damages including consequential, contingent or incidental dam-
ages. Warranty does not apply if the PS5R-V switching power supply was subject to:
1. Inappropriate handling, or operation beyond specifications.
2. Modification or repair by other than IDEC.
3. Failure caused by other than the PS5R-V switching power supply.
4. Failure caused by natural disasters.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com