Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC12. Datasheet(PDF) 6 Page - IDEC Corporation

Part # PS5R-VC12.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VC12. Datasheet(HTML) 6 Page - IDEC Corporation

  PS5R-VC12. Datasheet HTML 1Page - IDEC Corporation PS5R-VC12. Datasheet HTML 2Page - IDEC Corporation PS5R-VC12. Datasheet HTML 3Page - IDEC Corporation PS5R-VC12. Datasheet HTML 4Page - IDEC Corporation PS5R-VC12. Datasheet HTML 5Page - IDEC Corporation PS5R-VC12. Datasheet HTML 6Page - IDEC Corporation PS5R-VC12. Datasheet HTML 7Page - IDEC Corporation PS5R-VC12. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Panel Mounting Bracket
When installed on switching power supply
Mounting hole layout
when installing on
a panel directly
Mounting hole layout
when installing on
a panel directly
Mounting hole layout
when installing on
a panel directly
Mounting hole layout
when installing on
a panel directly
Mounting hole layout
when installing on
a panel directly
Mounting hole
layout for side
mounting
Side View
Side View
Front View
Front View
Front View
Side View
Front View
Side View
Front View
Side View
Side View
Back View
Mounting Screws
(4 -M3×6 countersunk screws)
96.7
5.5
28.8
12
26
109.8
12
24.7
44
62.9
26
38
36
48
36
122.8
28
39
28
28
10.5
10.5
130.6
56
56
56
70
62.3
29.5
31
PS9Z-5R1B
PS9Z-5R1C
PS9Z-5R1E
PS9Z-6R1F
PS9Z-6R2F Side-mount
PS9Z-5R2B Side-mount
2-M4 or 2- ø 4.5 holes
2-M4 or 2- ø 4.5 holes
2-M4 or 2- ø 4.5 holes
2-M4 or 2- ø 4.5 holes
4-M4 or 4- ø 4.5 holes
4-M4 or 4- ø 4.5 holes
MTBF*
PS5R-VB: 900,000H minimum
MIL-HDBK-217FN2
(GB, 30°C)
PS5R-VC: 650,000H minimum
PS5R-VD: 450,000H minimum
PS5R-VE: 380,000H minimum
PS5R-VF: 350,000H minimum
PS5R-VG: 290,000H minimum
*MTBF stands for Mean Time Between Failure, which is calculated according to
statistical device failures, and indicates reliability of a device. It is the statistical
representation of the likelihood of the unit to fail and does not necessarily represent
the expected life of a product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com