Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000 Datasheet (PDF) - Texas Instruments

PCM3000 Datasheet PDF - Texas Instruments
Part # PCM3000
Download  PCM3000 Download
File Size   661.43 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT

PCM3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM3000 Datasheet PDF - Texas Instruments

Part # PCM3000
Download  PCM3000 Click to download

File Size   661.43 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT

PCM3000 Datasheet (HTML) - Texas Instruments


PCM3000 Product details

FEATURES
· Monolithic 18-Bit DS ADC and DAC
· 16- or 18-Bit Input/Output Data
· Accepts Seven Alternate Formats
· Stereo ADC:
– Single-Ended Voltage Input
– 64´ Oversampling Digital Filter
· Pass-Band Ripple: ±0.05 dB
· Stop-Band Attenuation: –65 dB
– High Performance:
· THD+N: –88 dB
· SNR: 94 dB
· Dynamic Range: 94 dB
– Digital High-Pass Filter
· Stereo DAC
– Single-Ended Voltage Outut
– Analog Low-Pass Filter
– 8´ Oversampling Digital Filter
· Pass-Band Ripple: ±0.17 dB
· Stop-Band Attenuation: 35 dB
– High Performance:
· THD+N: –90 dB
· SNR: 98 dB
· Dynamic Range: 97 dB
· Special Features (PCM3000)
– Digital De-Emphasis
– Digital Attenuation (256 Steps)
– Soft Mute
– Digital Loopback
· Sample Rate: 4 kHz to 48 kHz
· System Clock: 256 fs, 384 fs, 512 fs
· Single 5-V Power Supply
· Small Package: SSOP-28

APPLICATIONS
· Sampling Keyboards
· Digital Mixers
· Mini-Disk Recorders
· Hard-Disk Recorders
· Karaoke Systems
· DSP-Based Car Stereo
· DAT Recorders
· Video Conferencing

DESCRIPTION
The PCM3000/3001 is a low-cost, single-chip stereo
audio codec (analog-to-digital and digital-to-analog
converter) with single-ended analog voltage input and
output.
Both ADCs and DACs employ delta-sigma modu-
lation with 64-times oversampling. The ADCs include
a digital decimation filter and the DACs include an
8-times oversampling digital interpolation filter. The
DACs also include digital attenuation, de-emphasis,
infinite zero detection and soft mute to form a
complete subsystem. The PCM3000/3001 operates
with left-justified, right-justified, I2S or DSP data
formats.
The PCM3000 can be programmed with a three-wire
serial interface for special features and data formats.
The PCM3001 can be pin-programmed for data
formats.
The PCM3000 and PCM3001 are fabricated using a
highly advanced CMOS process and are available in
a small 28-pin SSOP package. The PCM3000/3001
are suitable for a wide variety of cost-sensitive
consumer applications where good performance is
required.




Similar Part No. - PCM3000

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3000 BURR-BROWN-PCM3000 Datasheet
212Kb / 21P
Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000 TI1-PCM3000 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Burr-Brown (TI)
PCM3000E BURR-BROWN-PCM3000E Datasheet
212Kb / 21P
Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000E TI1-PCM3000E Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3000E/2K TI1-PCM3000E/2K Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
More results


Similar Description - PCM3000

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com