Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM3000
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3000 Datasheet HTML 3Page - Texas Instruments PCM3000 Datasheet HTML 4Page - Texas Instruments PCM3000 Datasheet HTML 5Page - Texas Instruments PCM3000 Datasheet HTML 6Page - Texas Instruments PCM3000 Datasheet HTML 7Page - Texas Instruments PCM3000 Datasheet HTML 8Page - Texas Instruments PCM3000 Datasheet HTML 9Page - Texas Instruments PCM3000 Datasheet HTML 10Page - Texas Instruments PCM3000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
www.ti.com
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
PIN ASSIGNMENTS—PCM3000 (continued)
NAME
PIN
I/O
DESCRIPTION
XTI
20
I
Oscillator input
XTO
21
O
Oscillator output
PIN ASSIGNMENTS—PCM3001
NAME
PIN
I/O
DESCRIPTION
AGND1
3
–
ADC analog ground
AGND2
13
–
DAC analog ground
BCKIN
17
I
Bit clock input(1)
CINNL
9
–
ADC antialias filter capacitor (–), Lch
CINNR
8
–
ADC antialias filter capacitor (–), Rch
CINPL
10
–
ADC antialias filter capacitor (+), Lch
CINPR
7
–
ADC antialias filter capacitor (+), Rch
CLKIO
22
I/O
Buffered oscillator output or external clock input(1)
DGND
24
–
Digital ground
DIN
18
I
Data input(1)
DOUT
19
O
Data output
FMT0
27
I
Audio data format control 0(1)(2)
FMT1
26
I
Audio data format control 1(1)(2)
FMT2
25
I
Audio data format control 2(1)(2)
LRCIN
16
I
Sample rate clock input (fS)(1)
RSTB
28
I
Reset, active-low(1)(2)
VCC1
2
–
ADC analog power supply
VCC2
14
–
DAC analog power supply
VDD
23
–
Digital power supply
VCOM
11
–
DAC output common
VINL
1
I
ADC analog input, Lch
VINR
6
I
ADC analog input, Rch
VOUTL
15
O
DAC analog output, Lch
VOUTR
12
O
DAC analog output, Rch
VREFL
4
–
ADC input reference, Lch
VREFR
5
–
ADC input reference, Rch
XTI
20
I
Oscillator input
XTO
21
O
Oscillator output
(1)
Schmitt-trigger input
(2)
With 70-k
Ω typical internal pullup resistor
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com