Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM3000
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000 Datasheet(HTML) 4 Page - Texas Instruments

  PCM3000 Datasheet HTML 1Page - Texas Instruments PCM3000 Datasheet HTML 2Page - Texas Instruments PCM3000 Datasheet HTML 3Page - Texas Instruments PCM3000 Datasheet HTML 4Page - Texas Instruments PCM3000 Datasheet HTML 5Page - Texas Instruments PCM3000 Datasheet HTML 6Page - Texas Instruments PCM3000 Datasheet HTML 7Page - Texas Instruments PCM3000 Datasheet HTML 8Page - Texas Instruments PCM3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, SYSCLK = 384 fS, CLKIO input, and 18-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
Voltage range
0.62 VCC
Vp-p
Center voltage
0.5 VCC
VDC
Load impedance
AC load
5
k
Ω
Analog Low-Pass Filter
Frequency response
f = 20 kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
VCC
4.5
5
5.5
VDC
Voltage range
VDD
4.5
5
5.5
VDC
ICC, IDD(10)
Supply current
VCC = VDD = 5 V
32
50
mA
Power dissipation
VCC = VDD = 5 V
160
250
mW
TEMPERATURE RANGE
TA
Operation
–25
85
°C
Tstg
Storage
–55
125
°C
θ
JA
Thermal resistance
100
°C/W
(10) With no load on XTO and CLKIO
PACKAGE/ORDERING INFORMATION
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
QUANTITY
CODE
MARKING
NUMBER
MEDIA
PCM3000E
Rails
47
PCM3000E
PCM3000E
PCM3000E/2K
Tape and reel
2000
28-pin SSOP
DB
PCM3001E
Rails
47
PCM3001E
PCM3001E
PCM3001E/2K
Tape and reel
2000
over operating free-air temperature range (unless otherwise noted)
Supply voltage: VDD, VCC1, VCC2
–0.3 V to 6.5 V
Supply voltage differences
±0.1 V
GND voltage differences
±0.1 V
Digital input voltage
–0.3 to VDD + 0.3 V, < 6.5 V
Analog input voltage
–0.3 to VCC1, VCC2 + 0.3 V, < 6.5 V
Power dissipation
300 mW
Input current (any pins except supplies)
±10 mA
Operating temperature
–25
°C to 85°C
Storage temperature
–55
°C to 125°C
Lead temperature, soldering
260
°C, 5 s
Package temperature (IR reflow, peak)
235
°C
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com