Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM3000
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3000 Datasheet HTML 2Page - Texas Instruments PCM3000 Datasheet HTML 3Page - Texas Instruments PCM3000 Datasheet HTML 4Page - Texas Instruments PCM3000 Datasheet HTML 5Page - Texas Instruments PCM3000 Datasheet HTML 6Page - Texas Instruments PCM3000 Datasheet HTML 7Page - Texas Instruments PCM3000 Datasheet HTML 8Page - Texas Instruments PCM3000 Datasheet HTML 9Page - Texas Instruments PCM3000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VINL
VCC1
AGND1
VREFL
VREFR
VINR
CINPR
CINNR
CINNL
CINPL
VCOM
VOUTR
AGND2
VCC2
RSTB
ML
MD
MC
DGND
VDD
CLKIO
XTO
XTI
DOUT
DIN
BCKIN
LRCIN
VOUTL
PCM3000
(TOP VIEW)
P0007-01
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VINL
VCC1
AGND1
VREFL
VREFR
VINR
CINPR
CINNR
CINNL
CINPL
VCOM
VOUTR
AGND2
VCC2
RSTB
FMT0
FMT1
FMT2
DGND
VDD
CLKIO
XTO
XTI
DOUT
DIN
BCKIN
LRCIN
VOUTL
PCM3001
(TOP VIEW)
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
PIN CONFIGURATION—PCM3000/3001
PIN ASSIGNMENTS—PCM3000
NAME
PIN
I/O
DESCRIPTION
AGND1
3
–
ADC analog ground
AGND2
13
–
DAC analog ground
BCKIN
17
I
Bit clock input(1)
CINNL
9
–
ADC antialias filter capacitor (–), Lch
CINNR
8
–
ADC antialias filter capacitor (–), Rch
CINPL
10
–
ADC antialias filter capacitor (+), Lch
CINPR
7
–
ADC antialias filter capacitor (+), Rch
CLKIO
22
I/O
Buffered oscillator output or external clock input(1)
DGND
24
–
Digital ground
DIN
18
I
Data input(1)
DOUT
19
O
Data output
LRCIN
16
I
Sample rate clock input (fS)(1)
MC
25
I
Serial mode control, bit clock
MD
26
I
Serial mode control, data
ML
27
I
Serial mode control, strobe pulse
RSTB
28
I
Reset, active-low(1)(2)
VCC1
2
–
ADC analog power supply
VCC2
14
–
DAC analog power supply
VDD
23
–
Digital power supply
VCOM
11
–
DAC output common
VINL
1
I
ADC analog input, Lch
VINR
6
I
ADC analog input, Rch
VOUTL
15
O
DAC analog output, Lch
VOUTR
12
O
DAC analog output, Rch
VREFL
4
–
ADC input reference, Lch
VREFR
5
–
ADC input reference, Rch
(1)
Schmitt-trigger input
(2)
With 70-k
Ω typical internal pullup resistor
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com