Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G07 Datasheet (PDF) - STMicroelectronics

74V1G07 Datasheet PDF - STMicroelectronics
Part # 74V1G07
Download  74V1G07 Download
File Size   48.38 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUFFER OPEN DRAIN

74V1G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G07 Datasheet PDF - STMicroelectronics

Part # 74V1G07
Download  74V1G07 Click to download

File Size   48.38 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUFFER OPEN DRAIN

74V1G07 Datasheet (HTML) - STMicroelectronics


74V1G07 Product details

DESCRIPTION
The 74V1G07 is an advanced high-speed CMOS SINGLE BUFFER (OPEN DRAIN) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 2 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on input and 0 to 7V can be accepted on input with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 3.7ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUT
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07CTR STMICROELECTRONICS-74V1G07CTR Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07STR STMICROELECTRONICS-74V1G07STR Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07 STMICROELECTRONICS-74V1G07_04 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
More results


Similar Description - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T07 STMICROELECTRONICS-74V1T07 Datasheet
47Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
SINGLE BUFFER/DRIVER (OPEN DRAIN)
Apr-2004
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07_04 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1T07 STMICROELECTRONICS-74V1T07_04 Datasheet
110Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Nexperia B.V. All right...
74AUP2G3407 NEXPERIA-74AUP2G3407 Datasheet
841Kb / 19P
Low-power single buffer; single buffer with open-drain
logo
Diodes Incorporated
74LVC1G07Q DIODES-74LVC1G07Q Datasheet
523Kb / 9P
SINGLE BUFFER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com