Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G07
Description  SINGLE BUFFER OPEN DRAIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G07 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G07 Datasheet HTML 1Page - STMicroelectronics 74V1G07 Datasheet HTML 2Page - STMicroelectronics 74V1G07 Datasheet HTML 3Page - STMicroelectronics 74V1G07 Datasheet HTML 4Page - STMicroelectronics 74V1G07 Datasheet HTML 5Page - STMicroelectronics 74V1G07 Datasheet HTML 6Page - STMicroelectronics 74V1G07 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1G07
SINGLE BUFFER (OPEN DRAIN)
PRELIMINARY DATA
®
October 1999
s
HIGH SPEED: tPD = 6.1 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUT
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G07 is an advanced high-speed CMOS
SINGLE BUFFER (OPEN DRAIN) fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODE:
74V1G07S
74V1G07C
S
(SOT23-5L)
C
(SC-70)
1/7


Similar Part No. - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07CTR STMICROELECTRONICS-74V1G07CTR Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07STR STMICROELECTRONICS-74V1G07STR Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1G07 STMICROELECTRONICS-74V1G07_04 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
More results

Similar Description - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T07 STMICROELECTRONICS-74V1T07 Datasheet
47Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
SINGLE BUFFER/DRIVER (OPEN DRAIN)
Apr-2004
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07_04 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1T07 STMICROELECTRONICS-74V1T07_04 Datasheet
110Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Nexperia B.V. All right...
74AUP2G3407 NEXPERIA-74AUP2G3407 Datasheet
841Kb / 19P
Low-power single buffer; single buffer with open-drain
logo
Diodes Incorporated
74LVC1G07Q DIODES-74LVC1G07Q Datasheet
523Kb / 9P
SINGLE BUFFER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com