Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV522 Datasheet (PDF) - Texas Instruments

TLV522 Datasheet PDF - Texas Instruments
Part # TLV522
Download  TLV522 Download
File Size   635.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier

TLV522 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV522 Datasheet PDF - Texas Instruments

Part # TLV522
Download  TLV522 Click to download

File Size   635.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier

TLV522 Datasheet (HTML) - Texas Instruments


TLV522 Product details

1 Features
1• Unmatched Price Performance
• Wide Supply Range 1.7 V to 5.5 V
• Low Supply Current 500 nA
• Good Offset Voltage 4 mV (max)
• Good TcVos 1.5 μV/°C
• Gain-Bandwidth 8 kHz
• Rail-to-Rail Input and Output (RRIO)
• Unity-Gain Stable
• Low Input Bias Current 1 pA
• EMI Hardened
• Temperature Range –40°C to 125°C
• 8-pin VSSOP Package

2 Applications
• Personal Health Monitors
• Battery Packs
• Solar-Powered or Energy Harvested Systems
• PIR, Smoke, Gas, and Fire Detection Systems
• Battery Powered Internet of Things (IoT) Devices
• Remote Sensors/Wireless Sensing Nodes
• Wearables
• Glucose Monitoring

3 Description
The TLV522 500 nA dual, nanopower op amp offers
optimum price performance in TI's nanopower family
of operational amplifiers. The TLV522 provides 8 kHz
of gain bandwidth from 500 nA of quiescent current,
making it well suited for battery powered applications
found in building automation and remote sensing
nodes. Its CMOS input stage enables very low IBIAS,
reducing errors commonly introduced in Megaohm
feedback resistance topologies such as highimpedance
photodiode and charge sense
applications. Additionally, built-in EMI protection
reduces sensitivity to unwanted RF signals from
sources like mobile phones, WiFi, radio transmitters
and RFID readers.
The TLV522 is offered in the 8-pin VSSOP (MSOP)
package, and operates from –40°C to 125°C.




Similar Part No. - TLV522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV522DGKR TI1-TLV522DGKR Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV522DGKT TI1-TLV522DGKT Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
More results


Similar Description - TLV522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com