Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV522 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV522 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV522 Datasheet HTML 6Page - Texas Instruments TLV522 Datasheet HTML 7Page - Texas Instruments TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments TLV522 Datasheet HTML 10Page - Texas Instruments TLV522 Datasheet HTML 11Page - Texas Instruments TLV522 Datasheet HTML 12Page - Texas Instruments TLV522 Datasheet HTML 13Page - Texas Instruments TLV522 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
10
TLV522
SNOSD27 – MAY 2016
www.ti.com
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 22. Supply Current Change Over Common Mode at 5 V
For the lowest supply current operation, keep the input common mode range between V- and 1 V below V+.
7.4.3 Design Optimization With Rail-To-Rail Input
In most applications, operation is within the range of only one differential pair. However, some applications can
subject the amplifier to a common-mode signal in the transition region. Under this condition, the inherent
mismatch between the two differential pairs may lead to degradation of the CMRR and THD. The unity-gain
buffer configuration is the most problematic as it will traverse through the transition region if a sufficiently wide
input swing is required.
7.4.4 Design Optimization for Nanopower Operation
When designing for ultra-low power, choose system components carefully. To minimize current consumption,
select large-value resistors. Any resistors will react with stray capacitance in the circuit and the input capacitance
of the operational amplifier. These parasitic RC combinations can affect the stability of the overall system. A
feedback capacitor may be required to assure stability and limit overshoot or gain peaking.
When possible, use AC coupling and AC feedback to reduce static current draw through the feedback elements.
Use film or ceramic capacitors since large electolytics may have static leakage currents in the tens to hundreds
of nanoamps.
7.4.5 Common-Mode Rejection
The CMRR for the TLV522 is specified in two ways so the best match for a given application may be used. First,
the CMRR of the device in the common-mode range below the transition region (VCM < (V+) – 1.1 V) is given.
This specification is the best indicator of the capability of the device when the application requires use of one of
the differential input pairs. Second, the CMRR at VS = 3.3 V over the entire common-mode range is specified.
7.4.6 Output Stage
The TLV522 output voltage swings 3 mV from rails at 3.3 V supply, which provides the maximum possible
dynamic range at the output. This is particularly important when operating on low supply voltages.
The TLV522 Maximum Output Voltage Swing defines the maximum swing possible under a particular output
load.
7.4.7 Driving Capacitive Load
The TLV522 is internally compensated for stable unity gain operation, with a 8 kHz typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed directly on the output of an amplifier along with the amplifier’s output impedance creates a
phase lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the
response will be under damped which causes peaking in the transfer and, when there is too much peaking, the
op amp might start oscillating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com