Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV522 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV522 Datasheet(HTML) 4 Page - Texas Instruments

  TLV522 Datasheet HTML 1Page - Texas Instruments TLV522 Datasheet HTML 2Page - Texas Instruments TLV522 Datasheet HTML 3Page - Texas Instruments TLV522 Datasheet HTML 4Page - Texas Instruments TLV522 Datasheet HTML 5Page - Texas Instruments TLV522 Datasheet HTML 6Page - Texas Instruments TLV522 Datasheet HTML 7Page - Texas Instruments TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TLV522
SNOSD27 – MAY 2016
www.ti.com
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Refer to Typical Characteristics.
6.5 Electrical Characteristics
TA = 25°C, V
+ = 3.3 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ , unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage (VOS)
VCM = 0.3 V
–4
±1
4
mV
VCM = 3 V
–4
±1
4
Drift (dVOS/dT)
1.5
µV/°C
Power-Supply Rejection Ratio
(PSRR)
V+ = 1.8 V to 3.3 V, VCM = 0.3 V
80
109
dB
INPUT VOLTAGE RANGE
Common-Mode voltage range (VCM)
CMRR
≥ 62 dB
0
3.3
V
Common-Mode Rejection Ratio
(CMRR)
0 V < VCM < 3.3 V
62
90
dB
0 V < VCM < 2.2V
90
INPUT BIAS CURRENT
Input bias current (IBIAS)
±1
pA
Input offset current (IOS)
±0.1
INPUT IMPEDANCE
Differential
1013 || 2.5
Ω || pF
Common mode
1013 || 2.5
NOISE
Input voltage noise density, f = 1 kHz (en)
300
nV/
√Hz
Current noise density, f = 1 kHz (in)
65
fA
√Hz
OPEN-LOOP GAIN
Open-loop voltage gain (AOL)
V+ = 5 V
RL = 100 kΩ to V
+/2, 0.5 V < V
O < 4.5 V
91
101
dB
OUTPUT
Voltage output swing from positive rail
V+ = 1.8 V, RL = 100 kΩ to V
+/2
3
20
mV
Voltage output swing from negative rail
V+ = 1.8 V, RL = 100 kΩ to V
+/2
2
20
Output current sourcing
Sourcing, V+ = 1.8 V
VO to V
–, V
IN(diff) = 100 mV
1
3
mA
Output current sinking
Sinking, V+ = 1.8 V
VO to V
+, V
IN(diff) = –100 mV
1
5
FREQUENCY RESPONSE
Gain-bandwidth product (GBWP)
CL = 20 pF
8
kHz
Slew rate (SR)
G = +1, Rising edge, 1Vp-p, CL = 20 pF
3.6
V/ms
G = +1, Falling edge, 1Vp-p, CL = 20 pF
3.7
POWER SUPPLY
Quiescent current per channel (IQ)
VCM = 0.3 V, IO = 0
500
800
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com