Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV522 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV522 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments TLV522 Datasheet HTML 10Page - Texas Instruments TLV522 Datasheet HTML 11Page - Texas Instruments TLV522 Datasheet HTML 12Page - Texas Instruments TLV522 Datasheet HTML 13Page - Texas Instruments TLV522 Datasheet HTML 14Page - Texas Instruments TLV522 Datasheet HTML 15Page - Texas Instruments TLV522 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
12
TLV522
SNOSD27 – MAY 2016
www.ti.com
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV522 is a ultra-low power operational amplifier that provides 8 kHz bandwidth with only 490 nA quiescent
current, and near precision offset and drift specifications at a low cost. These rail-to-rail input and output
amplifiers are specifically designed for battery-powered applications. The input common-mode voltage range
extends to the power-supply rails and the output swings to within millivolts of the rails, maintaining a wide
dynamic range.
8.2 Typical Application: 60 Hz Twin "T" Notch Filter
Figure 24. 60 Hz Notch Filter
8.2.1 Design Requirements
Small signals from transducers in remote and distributed sensing applications commonly suffer strong 60 Hz
interference from AC power lines. The circuit of Figure 24 notches out the 60 Hz and provides a gain AV = 2 for
the sensor signal represented by a 1 kHz sine wave. Similar stages may be cascaded to remove 2nd and 3rd
harmonics of 60 Hz. Thanks to the nA power consumption of the TLV522, even 5 such circuits can run for 9.5
years from a small CR2032 lithium cell. These batteries have a nominal voltage of 3 V and an end of life voltage
of 2 V. With an operating voltage from 1.7 V to 5.5 V the TLV522 can function over this voltage range.
8.2.2 Detailed Design Procedure
The notch frequency is set by:
F0 = 1 / 2πRC.
(2)
To achieve a 60 Hz notch use R = 10 M
Ω and C = 270 pF. If eliminating 50 Hz noise, which is common in
European systems, use R = 11.8 M
Ω and C = 270 pF.
The Twin T Notch Filter works by having two separate paths from VIN to the amplifier’s input. A low frequency
path through the series input resistors and another separate high frequency path through the series input
capacitors. However, at frequencies around the notch frequency, the two paths have opposing phase angles and
the two signals will tend to cancel at the amplifier’s input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com