Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV522 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV522 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV522 Datasheet HTML 3Page - Texas Instruments TLV522 Datasheet HTML 4Page - Texas Instruments TLV522 Datasheet HTML 5Page - Texas Instruments TLV522 Datasheet HTML 6Page - Texas Instruments TLV522 Datasheet HTML 7Page - Texas Instruments TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments TLV522 Datasheet HTML 10Page - Texas Instruments TLV522 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
±45
0
45
90
135
180
±10
0
10
20
30
40
100
1000
10000
100000
Frequency (Hz)
-40°C
25°C
125°C
C008
Gain
Phase
±45
0
45
90
135
180
±10
0
10
20
30
40
100
1000
10000
100000
Frequency (Hz)
-40°C
25°C
125°C
C012
Gain
Phase
Time (200us/div)
IN
OUT
C002
±45
0
45
90
135
180
±10
0
10
20
30
40
100
1000
10000
100000
Frequency (Hz)
-40°C
25°C
125°C
C011
Gain
Phase
Time (200us/div)
IN
OUT
C002
Time (100us/div)
IN
OUT
C003
7
TLV522
www.ti.com
SNOSD27 – MAY 2016
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25 °C, VOUT = VCM = VS/2, RLOAD = 1 MΩ connected to VS/2, and CL = 20 pF, unless otherwise noted.
VS = ±0.9 V
RL = 10 MΩ
CL = 20 pF
G = +1
VIN = ±500mV
Figure 13. Pulse Response, 1Vpp at 1.8V
VS = ±2.5 V
RL = 10 MΩ
CL = 20 pF
G = +1
VIN = ±100 mV
Figure 14. Pulse Response, 200mVpp at 5V
VS = ±2.5 V
RL = 10 MΩ
CL = 20 pF
G = +1
VIN = ±1V
Figure 15. Pulse Response, 2Vpp at 5V
VS = 1.8 V
RL = 100 kΩ
CL = 20 pF
Figure 16. Gain and Phase vs
Temperature at 1.8 V
VS = 5 V
RL = 100 kΩ
CL = 20 pF
Figure 17. Gain and Phase vs
Temperature at 5 V
VS = 1.8 V
RL = 1 MΩ
CL = 20 pF
Figure 18. Gain and Phase vs
Temperature at 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com