Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet (PDF) - Texas Instruments

TMP108 Datasheet PDF - Texas Instruments
Part # TMP108
Download  TMP108 Download
File Size   609.37 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP

TMP108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP108 Datasheet PDF - Texas Instruments

Part # TMP108
Download  TMP108 Click to download

File Size   609.37 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP

TMP108 Datasheet (HTML) - Texas Instruments


TMP108 Product details

1 Features
1• Dynamically-programmable limit window with
under- and overtemperature alerts
• Accuracy:
±0.75°C (maximum) from –20°C to +85°C
±1°C (maximum) from –40°C to +125°C
• Low quiescent current:
6 μA active (maximum) from –40°C to +125°C
• Supply range: 1.4 V to 3.6 V
• Resolution: 12 bits (0.0625°C)
• Package: 1.2-mm × 0.8-mm, 6-ball WCSP

2 Applications
• Smartphone and tablet thermal management
• Battery management
• Thermostat control
• Under- and overtemperature protection
• Environmental monitoring and HVAC

3 Description
TMP108 is a digital-output temperature sensor with a
dynamically-programmable limit window, and underand
overtemperature alert functions. These features
provide optimized temperature control without the
need of frequent temperature readings by the
controller or application processor.
The TMP108 features SMBus and two-wire interface
compatibility, and allows up to four devices on one
bus with the SMBus alert function.
The TMP108 is designed for thermal management
optimization in a variety of consumer, computer, and
environmental applications. The device is specified
over a temperature range of –40°C to +125°C.




Similar Part No. - TMP108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108AIYFFR TI-TMP108AIYFFR Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108AIYFFT TI-TMP108AIYFFT Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Similar Description - TMP108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103 Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com