Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 1 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Diode
Temp
Sensor
DS
ADC
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP108
V+
A1
C1
A2
C2
ALERT
GND
A0
B1
B2
SCL
SDA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
1
1 Features
1
•
Dynamically-programmable limit window with
under- and overtemperature alerts
•
Accuracy:
±0.75°C (maximum) from –20°C to +85°C
±1°C (maximum) from –40°C to +125°C
•
Low quiescent current:
6 μA active (maximum) from –40°C to +125°C
•
Supply range: 1.4 V to 3.6 V
•
Resolution: 12 bits (0.0625°C)
•
Package: 1.2-mm × 0.8-mm, 6-ball WCSP
2 Applications
•
Smartphone and tablet thermal management
•
Battery management
•
Thermostat control
•
Under- and overtemperature protection
•
Environmental monitoring and HVAC
3 Description
TMP108 is a digital-output temperature sensor with a
dynamically-programmable limit window, and under-
and overtemperature alert functions. These features
provide optimized temperature control without the
need
of
frequent
temperature
readings
by
the
controller or application processor.
The TMP108 features SMBus and two-wire interface
compatibility, and allows up to four devices on one
bus with the SMBus alert function.
The TMP108 is designed for thermal management
optimization in a variety of consumer, computer, and
environmental applications. The device is specified
over a temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP108
DSBGA (6)
1.20 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - TMP108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108AIYFFR TI-TMP108AIYFFR Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108AIYFFT TI-TMP108AIYFFT Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results

Similar Description - TMP108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103 Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com