Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 9Page - Texas Instruments TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments TMP108 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
TMP108
www.ti.com
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Table 6. Byte 2 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
(1)
The temperature sensor ADC resolution is 0.0625°C/count.
Table 7. Temperature Data Format(1)
TEMPERATURE (°C)
DIGITAL OUTPUT
BINARY
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
Table 7 does not supply a full list of all temperatures. Use the following rules to obtain the digital data format for
a given temperature.
To convert positive temperatures to a digital data format:
Divide the temperature by the resolution. Then, convert the result to binary code with a 12-bit, left-justified
format, and MSB = 0 to denote a positive sign.
Example: (+50°C)/(0.0625°C/count) = 800 = 320h = 0011 0010 0000
To convert negative temperatures to a digital data format:
Divide the absolute value of the temperature by the resolution, and convert the result to binary code with a
12-bit, left-justified format. Then, generate the twos complement of the result by complementing the binary
number and adding one. Denote a negative number with MSB = 1.
Example: (|–25°C|)/(0.0625°C/count) = 400 = 190h = 0001 1001 0000
Twos complement format: 1110 0110 1111 + 1 = 1110 0111 0000
7.5.3 Configuration Register
The configuration register is a 16-bit read and write register used to store bits that control the operational modes
of the temperature sensor. Read and write operations are performed MSB first. The format and power-up (reset)
default value of the configuration register is shown in Table 8, followed by an explanation of the register bits.
Other options for the default values are available by request.
Table 8. Configuration and Power-Up/Reset Format
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
ID
CR1
CR0
FH
FL
TM
M1
M0
0
0
1
0
0
0
1
0
2
POL
0
HYS1
HYS0
0
0
0
0
0
0
0
1
0
0
0
0
7.5.3.1 Hysteresis Control (HYS1 and HYS0)
When operating in comparator mode, the hysteresis control bits (HYS1 and HYS0) configure the hysteresis for
the limit comparison of the TMP108 to 0°C, 1°C, 2°C, or 4°C. The default hysteresis is 1°C. Table 9 shows the
settings for HYS1 and HYS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com