Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Diode
Temp
Sensor
DS
ADC
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP108
V+
A1
C1
A2
C2
ALERT
GND
A0
B1
B2
SCL
SDA
9
TMP108
www.ti.com
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP108 is a digital temperature sensor optimal for thermal management and thermal protection
applications. The TMP108 is two-wire and SMBus Interface compatible, and is specified over a temperature
range of –40°C to +125°C.
The TMP108 temperature sensor is the chip itself. The solder bumps provide the primary thermal path as a result
of the lower thermal resistance of metal. The temperature sensor result is equivalent to the local temperature of
the printed-circuit board (PCB) on which the sensor is mounted.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Serial Interface
The TMP108 operates as a slave device only on the two-wire bus and SMBus. Connections to the bus are made
using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike-suppression filters
and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP108 supports the
transmission protocol for both fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All data bytes
are transmitted MSB first.
7.3.2 Serial Bus Address
To communicate with the TMP108, the master must first communicate with slave devices using a slave address
byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of executing
either a read or write operation. The TMP108 features an address pin that allows up to four devices to be
addressed on a single bus. The TMP108 latches the status of the address pin at the start of a communication.
Table 2 describes the pin logic levels and the corresponding address values. Other values for the fixed address
bits are available by request.
Table 2. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
A0 PIN CONNECTION
TMP108
1001000
Ground
1001001
V+
1001010
SDA
1001011
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com