Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 5 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TMP108
www.ti.com
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
6.6 Timing Diagrams
The TMP108 is two-wire and SMBus compatible. Figure 1 to Figure 4 describe the various operations on the
TMP108. Parameters for Figure 1 are defined in Table 1. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, while the SCL line is high defines a
start condition. Each data transfer is initiated with a start condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
stop condition. Each data transfer is terminated with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and a stop condition is not limited, and is
determined by the master device. The receiver acknowledges the transfer of data. It is also possible to use the
TMP108 for single-byte updates. To update only the MS byte, terminate communication by issuing a start or stop
condition on the bus.
Acknowledge: Each receiving device, when addressed, must generate an acknowledge bit. A device that
acknowledges must pull down the SDA line during the acknowledge clock pulse so that the SDA line is stable
low during the high period of the acknowledge clock pulse. Setup and hold times must be taken into account.
When a master receives data, the termination of the data transfer can be signaled by the master generating a
not-acknowledge (1) on the last byte transmitted by the slave.
Table 1. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency, V+
≥ 1.8 V
0.001
0.4
0.001
3.4
MHz
SCL operating frequency, V+ < 1.8 V
0.001
0.4
0.001
2.5
MHz
t(BUF)
Bus free time between stop and start conditions, V+
≥ 1.8 V
1300
160
ns
Bus free time between stop and start conditions, V+
< 1.8 V
1300
260
ns
t(HDSTA)
Hold time after repeated start condition.
After this period, the first clock is generated.
600
160
ns
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
Stop condition setup time
600
160
ns
t(HDDAT)
Data hold time, V+
≥ 1.8 V
0
900
0
70
ns
Data hold time, V+ < 1.8 V
0
900
0
130
ns
t(SUDAT)
Data setup time, V+
≥ 1.8 V
100
10
ns
Data setup time, V+ < 1.8 V
100
50
ns
t(LOW)
SCL clock low period, V+
≥ 1.8 V
1300
160
ns
SCL clock low period, V+ < 1.8 V
1300
260
ns
t(HIGH)
SCL clock high period
600
60
ns
tR , tF - SDA
Data rise/fall time
300
80
ns
tR , tF - SCL
Clock rise/fall time
300
40
ns
tR
Clock/data rise time for SCLK
≤ 100 kHz
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com