Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments TMP108 Datasheet HTML 17Page - Texas Instruments TMP108 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Table 9. Hysteresis Settings
HYS1
HYS0
HYSTERESIS
0
0
0°C
0
1
1°C (default)
1
0
2°C
1
1
4°C
7.5.3.2 Polarity (POL)
The polarity of the ALERT pin can be programmed using the POL bit. If POL = 0 (default), the ALERT is active
low. For POL = 1, the ALERT pin is active high, and the state of the ALERT pin is inverted.
7.5.3.3 Thermostat Mode (TM)
The thermostat mode bit indicates to the device whether to operate in comparator mode (TM = 0, default) or
interrupt mode (TM = 1). For more information on comparator and interrupt modes, see the High- and Low-Limit
Registers section.
7.5.3.4 Temperature Watchdog Flags (FL and FH)
The TMP108 uses temperature watchdog flags in the configuration register that indicate the result of comparing
the device temperature at the end of every conversion to the values stored in the temperature limit registers
(THIGH and TLOW). If the temperature of the TMP108 exceeds the value in the THIGH register, then the flag-high bit
(FH) in the configuration register is set to 1. If the temperature falls below the value in the TLOW register, then the
flag-low bit (FL) is set to 1. If both flag bits remain 0, then the temperature is within the temperature range set by
the temperature limit registers. In interrupt mode, when any of the flags is set by an under- or overtemperature
event, the SMBus ALERT Response only clears the pin and not the flags. Reading the configuration register
clears both the flags and the pin.
7.5.3.5 Conversion Rate
The conversion rate bits, CR1 and CR0, configure the TMP108 for conversion rates of 0.25 Hz, 1 Hz, 4 Hz, or 16
Hz. The default rate is 1 Hz. The TMP108 has a typical conversion time of 27 ms. To achieve different
conversion rates, the TMP108 makes a conversion, and then powers down and waits for the appropriate delay
set by CR1 and CR0. Table 10 shows the settings for CR1 and CR0.
Table 10. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
IQ (TYP)
0
0
0.25 Hz
1 μA
0
1
1 Hz (default)
2 μA
1
0
4 Hz
5 μA
1
1
16 Hz
18 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com