Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
12
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
7.5 Programming
7.5.1 Pointer Register
Figure 11 shows the internal register structure of the TMP108. Use the 8-bit pointer register to address a given
data register. The pointer register uses the two LSBs (see Table 12) to identify which of the data registers
respond to a read or write command. Table 3 identifies the bits of the pointer register byte. Table 4 describes the
pointer address of the registers available in the TMP108. The power-up reset value of the P1 and P0 bits is 00.
Figure 11. Internal Register Structure
Table 3. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 4. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature register (read only, default)
0
1
Configuration register (read/write)
1
0
TLOW register (read/write)
1
1
THIGH register (read/write)
7.5.2 Temperature Register
The temperature register is configured as a 12-bit, read-only register that stores the output of the most recent
conversion. Two bytes must be read to obtain data, as shown in Table 5 and Table 6. Note that byte 1 is the
most significant byte, followed by byte 2, the least significant byte. The first 12 bits are used to indicate
temperature. There is no requirement to read the least significant byte if that information is not needed (for
example, for resolution lower than 1°C). Table 7 summarizes the temperature data format. One LSB equals
0.0625°C. Negative numbers are represented in binary twos complement format. Following power-up or reset,
the temperature register reads 0°C until the first conversion is complete. The unused bits in the temperature
register always read 0.
Table 5. Byte 1 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com