Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments TMP108 Datasheet HTML 17Page - Texas Instruments TMP108 Datasheet HTML 18Page - Texas Instruments TMP108 Datasheet HTML 19Page - Texas Instruments TMP108 Datasheet HTML 20Page - Texas Instruments TMP108 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TMP108
1.4 V to 3.6 V
GND
A2
A1
C2
B2
B1
A0
C1
V+
SDA
SCL
ALERT
GND
V+
100 kW
Two-Wire
Controller
17
TMP108
www.ti.com
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP108 is used to measure the temperature of the board location where the device is mounted. The
programmable address options allow up to four locations on the board to be monitored with a single serial bus.
8.2 Typical Application
Figure 15. Typical Application Circuit
8.2.1 Design Requirements
The TMP108 only requires pullup resistors on SCL and SDA, but TI also recommends to use a 0.01-μF bypass
capacitor as shown in Figure 15. There is an internal 100-kΩ pullup resistor connected to supply on the ALERT
pin. If required, use an external resistor of smaller value on the ALERT pin for a stronger pullup to V+. The SCL
and SDA lines can be pulled up to a supply that is equal to or higher than V+ through the pullup resistors. To
configure one of four different addresses on the bus, connect A0 to either V+, GND, SCL, or SDA. If A0 is
connected to SCL or SDA, make their pullup supply equal to V+.
8.2.2 Detailed Design Procedure
The TMP108 devices must be placed in close proximity to the heat source that must be monitored, with a proper
layout for good thermal coupling. This placement ensures that temperature changes are captured within the
shortest possible time interval. To maintain accuracy in applications that require air or surface temperature
measurement, take care to isolate the package and leads from PCB heat sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com