Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817L-511-R-DC Datasheet (PDF) - Axiomtek Co., Ltd.

GOT817L-511-R-DC Datasheet PDF - Axiomtek Co., Ltd.
Part # GOT817L-511-R-DC
Download  GOT817L-511-R-DC Download
File Size   472.67 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to 50°C)

GOT817L-511-R-DC Datasheet (PDF)

Go To PDF Page Download Datasheet
GOT817L-511-R-DC Datasheet PDF - Axiomtek Co., Ltd.

Part # GOT817L-511-R-DC
Download  GOT817L-511-R-DC Click to download

File Size   472.67 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to 50°C)

GOT817L-511-R-DC Datasheet (HTML) - Axiomtek Co., Ltd.


GOT817L-511-R-DC Product details

Features
● 17" SXGA TFT flat bezel LCD display
● IP66/IP69K-rated (NEMA 4X) water/dust/corrosion-proof
design
● Full stainless steel enclosure with type 316
● -20°C to +50°C wide operating temperature range
● Fanless design with Intel® Core™ i5-7300U processor
● Optional Wi-Fi/3G kit for wireless network connectivity
● 9 to 36 VDC wide range power input
● Supports VESA mount
● M12 type connectors for harsh environments




Similar Part No. - GOT817L-511-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-C-DC AXIOMTEK-GOT817-834-C-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-C-RF-DC AXIOMTEK-GOT817-834-C-RF-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-R-DC AXIOMTEK-GOT817-834-R-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-R-RF-DC AXIOMTEK-GOT817-834-R-RF-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
More results


Similar Description - GOT817L-511-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT815-834 AXIOMTEK-GOT815-834_17 Datasheet
391Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT815L-511 AXIOMTEK-GOT815L-511 Datasheet
361Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT817-834 AXIOMTEK-GOT817-834_17 Datasheet
591Kb / 2P
17 SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT3177T-311-FR AXIOMTEK-GOT3177T-311-FR Datasheet
640Kb / 2P
17 SXGA TFT Flat Bezel Expandable Touch Panel Computer
GOT3177T-834 AXIOMTEK-GOT3177T-834_17 Datasheet
478Kb / 2P
17 SXGA TFT Flat Bezel Touch Panel Computer with Intel짰 Celeron Processor
logo
Advantech Co., Ltd.
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com