Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817L-511-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT817L-511-R-DC
Description  17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT817L-511-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT817L-511-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
Stainless Touch Panel Computers
3
83
82
Specifications
Enclosure
Stainless type 316
LCD Panel
Display Type
17" SXGA TFT LCD
Brightness (cd/m
2)
350 nits
Resolution
1280 x 1024
Viewing Angle (H/V)
170°/160°
Main System
CPU
Intel® Core™ i5-7300U 3.5 GHz (Kaby Lake)
Chipset
SoC integrated
System Memory
1 x 260-pin DDR4-2133 SO-DIMM, up to 16GB
BIOS
AMI UEFI BIOS
Storage
1 x 2.5" SSD HDD or 1 x 2.5" SATA HDD (9.5 mm height)
Watchdog Timer
255 levels, 1 to 255 sec.
Onboard Graphics
Integrated in Intel® GFX
I/O Connector
2 x RS-232/422/485 (default RS-232, A-coded)
4 x USB 2.0 (A-coded)
1 x 10/100/1000 Mbps Ethernet supporting PXE and LAN wake-up (Intel® I210-IT; X-coded)
1 x DC power connector (M12)
Expansion Interface
1 x Full-size PCI Express Mini Card slot
1 x Half-size PCI Express Mini Card slot
Touchscreen
5-wire resistive touch or projected capacitive multi-touch
Power Input
9 to 36 VDC
Power Consumption
67.5W
Dimensions
415.92 mm (16.4") (W) x 55 mm (2.2") (D) x 348.34 mm (13.7") (H)
Packing Dimensions
615 mm (24.2") (W) x 250 mm (9.84") (D) x 585 mm (23") (H)
Weight (net/gross)
6.94 kgs (15.3 lb)/10.2 kgs (22.5 lb)
Operating Temperature -20°C to +50°C (-4°F to +122°F)
Relative Humidity
10% - 95% @ +40°C, non-condensing
Operation Vibration
1G, 5- 500Hz, random for 2.5" SSD
Certifications
CE
*W.T.: Wide temperature. All W.T. supported products have to be sorted by Axiomtek.
Packing List
1 x GOT817L-511
1 x DC cable
Ordering Information
GOT817L-511-C-DC
(P/N: E22B817105)
17" SXGA IP66 & IP69K-rated stainless steel fanless touch panel computer with Intel® Core™ i5-7300U, projected capacitive touch
screen, 420 nits design, and 9 to 36 VDC power input
GOT817L-511-R-DC
(P/N: E22B817106)
17" SXGA IP66 & IP69K-rated stainless steel fanless touch panel computer with Intel® Core™ i5-7300U, 5-wire flat resistive touch screen,
9 to 36 VDC power input
* Other configuration by request
* Specification and certifications may vary based on different requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com