Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817L-511-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT817L-511-R-DC
Description  17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT817L-511-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT817L-511-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
82
GOT817L-511
17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer
with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to +50°C)
Features
● 17" SXGA TFT flat bezel LCD display
● IP66/IP69K-rated (NEMA 4X) water/dust/corrosion-proof
design
● Full stainless steel enclosure with type 316
●-20°C to +50°C wide operating temperature range
● Fanless design with Intel® Core™ i5-7300U processor
● Optional Wi-Fi/3G kit for wireless network connectivity
● 9 to 36 VDC wide range power input
● Supports VESA mount
● M12 type connectors for harsh environments
Fanless
Ext. Temp
IP66
Low Power
M12 Connector
DDR4
DDR4
DDR4
IP69K
4 5 6 7 8 9
1
2
3
1. Backlight on/off
2. Brightness adjust +/-
3. Power on/off
4. DC power connector
5. 1 x LAN
Side view
6. 1 x RS-232/422/485 (default RS-232)
7. 1 x RS-232/422/485 (default RS-232)
8. 2 x USB 2.0
9. 2 x USB 2.0
Introduction
The 17-inch GOT817L-511 is specially designed for food processing applications. Its IP66-rated stainless steel housing protects entire system from damage of
water, powder and dust. It also supports a wide operating temperature range from-20°C to +50°C. Thus, this robust unit is specifically designed for high humidity,
dusty or wet spaces in food factories or kitchens and more harsh applications.
Full IP66 and IP69K Certified
The GOT817L-511 adopts a water/dust-proof housing design with five IP66-rated M12 I/O connectors and IP69K that ensures the product’s ability to resist ingress
of high temperature and high pressure water. It passed entire system IP66 test by SGS, and verified salt mist test. Additionally, it was tested by a spray nozzle with
high temperature water (+80°C), a flow rate of 14 to 16 L/min and a nozzle hold with distance 10 to 15 cm away from the device at angles of 0°, 30°, 60° and 90°
for 30 seconds. The GOT817L-511 is qualified to meet harsh environment applications.
Wide Temperature (-20°C to +50°C) & Anti-vibration (1G) Design
The GOT817L-511 featuring fanless and noiseless design supports a wide operating temperature range from-20°C to +50°C. Besides, the patent of anti-vibration
for SSD ensures system reliability and stability.


Similar Part No. - GOT817L-511-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-C-DC AXIOMTEK-GOT817-834-C-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-C-RF-DC AXIOMTEK-GOT817-834-C-RF-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-R-DC AXIOMTEK-GOT817-834-R-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT817-834-R-RF-DC AXIOMTEK-GOT817-834-R-RF-DC Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
More results

Similar Description - GOT817L-511-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT815-834 AXIOMTEK-GOT815-834_17 Datasheet
391Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT815L-511 AXIOMTEK-GOT815L-511 Datasheet
361Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT817-834 AXIOMTEK-GOT817-834_17 Datasheet
591Kb / 2P
17 SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT3177T-311-FR AXIOMTEK-GOT3177T-311-FR Datasheet
640Kb / 2P
17 SXGA TFT Flat Bezel Expandable Touch Panel Computer
GOT3177T-834 AXIOMTEK-GOT3177T-834_17 Datasheet
478Kb / 2P
17 SXGA TFT Flat Bezel Touch Panel Computer with Intel짰 Celeron Processor
logo
Advantech Co., Ltd.
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com