Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817L-511-R-DC Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # GOT817L-511-R-DC
Description  17" SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch) Panel Computer with Intel® Core™ i5-7300U Processor and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT817L-511-R-DC Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  GOT817L-511-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT817L-511-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
84
Optional Accessories
594B8122100E
Water-proof COM cable (1.8 m)
594B8152710E
Water-proof LAN cable (1.8 m)
594B8152820E
Water-proof USB cable (1.8 m)
509000002200
Adapter 24V 90W, M12 A-code 5P
Optional EOS Installation
Windows® 10 IoT
Optional OS Installation
Windows® 10
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com