Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet (PDF) - Texas Instruments

LP5523 Datasheet PDF - Texas Instruments
Part # LP5523
Download  LP5523 Download
File Size   926.91 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package

LP5523 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5523 Datasheet PDF - Texas Instruments

Part # LP5523
Download  LP5523 Click to download

File Size   926.91 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package

LP5523 Datasheet (HTML) - Texas Instruments


LP5523 Product details

1 Features
1• Three Independent Program Execution Engines,
Nine Programmable Outputs with 25.5-mA Full-
Scale Current, 8-Bit Current Setting Resolution,
and 12-Bit PWM Control Resolution
• Adaptive High-Efficiency 1×/1.5× Fractional
Charge Pump - Efficiency Up to 94%
• LED Drive Efficiency Up to 93%
• Charge Pump With Soft Start and Overcurrent and
Short-Circuit Protection
• Built-in LED Test
• 200-nA Typical Standby Current
• Automatic Power-Save Mode
IVDD = 10 μA (Typical)
• Two-Wire I2C-Compatible Control Interface
• Flexible Instruction Set
• Large SRAM Program Memory
• Small Application Circuit
• Source (High-Side) Drivers
• Architecture Supports Color Control

2 Applications
• Fun Lights and Indicator Lights
• LED Backlighting
• Haptic Feedback
• Programmable Current Source

3 Description
The LP5523 is a 9-channel LED driver designed to
produce lighting effects for mobile devices. A highefficiency
charge pump enables LED driving over full
Li-Ion battery voltage range. The device is equipped
with an internal program memory, which allows
operation without processor control.
The LP5523 maintains excellent efficiency over a
wide operating range by autonomously selecting the
best charge-pump gain based on LED forward
voltage requirements. The LP5523 is able to
automatically enter power-save mode when LED
outputs are not active, thus lowering idle current
consumption down to 10 μA (typical).
The LP5523 has an I2C-compatible control interface
with four pin selectable addresses. The device has a
flexible general purpose output (GPO), which can be
used as a digital control pin for other devices. INT pin
can be used to notify processor when a lighting
sequence has ended (interrupt function). Also, the
device has a trigger input interface, which allows
synchronization, for example, between multiple
LP5523 devices.
The device requires only four small, low-cost ceramic
capacitors. The LP5523 is available in a tiny 25-pin
DSBGA package (0.4-mm pitch).




Similar Part No. - LP5523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP5523 TI1-LP5523 Datasheet
1Mb / 56P
LP5523 Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
LP55231 TI2-LP55231 Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
More results


Similar Description - LP5523

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
Charge Pump White LED Driver
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com