Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 3Page - Texas Instruments LP5523 Datasheet HTML 4Page - Texas Instruments LP5523 Datasheet HTML 5Page - Texas Instruments LP5523 Datasheet HTML 6Page - Texas Instruments LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments LP5523 Datasheet HTML 10Page - Texas Instruments LP5523 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
(5)
The I2C host must allow at least 500 µs before sending data to the LP5523 after the rising edge of the enable line.
6.9 Logic Interface Characteristics
Unless otherwise noted: typical limits are for TA = 25°C; minimum and maximum limits apply over the operating ambient
temperature range (
−30°C < TA < +85°C).See
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT EN
VIL
Input low level
0.5
V
VIH
Input high level
1.2
V
II
Input current
−1
1
µA
tDELAY
Input delay(5)
2
µs
LOGIC INPUT SCL, SDA, TRIG, CLK, ASEL0, ASEL1
VIL
Input low level
0.2 × VEN
V
VIH
Input high level
0.8 × VEN
V
II
Input current
−1
1
µA
LOGIC OUTPUT SDA, TRIG, INT
VOL
Output low level
IOUT = 3 mA (pullup current)
0.3
0.5
V
IL
Output leakage current
VOUT = 2.8 V
1
µA
LOGIC OUTPUT GPO
VOL
Output low level
IOUT = 3 mA
0.3
0.5
V
VOH
Output high level
IOUT = −2 mA
VDD − 0.5
VDD − 0.3
IL
Output leakage current
VOUT = 2.8 V
1
µA
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Specification is ensured by design and is not tested in production. VEN = 1.65 V to VDD.
(5)
The ideal external clock signal for the LP5523 is a 0 V to VEN 25% to 75% duty-cycle square wave. At frequencies above 32.7 kHz,
program execution is faster, and at frequencies below 32.7 kHz program execution is slower.
6.10 Recommended External Clock Source Conditions
Unless otherwise noted limits apply for TA = 25°C. See
(1) (2) (3) (4) (5)
MIN
NOM
MAX
UNIT
LOGIC INPUT CLK
ƒCLK
Clock frequency
32.7
kHz
tCLKH
High time
6
µs
tCLKL
Low time
6
µs
tr
Clock rise time, 10% to 90%
2
µs
tf
Clock fall time, 90% to 10%
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com