Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 45 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 41Page - Texas Instruments LP5523 Datasheet HTML 42Page - Texas Instruments LP5523 Datasheet HTML 43Page - Texas Instruments LP5523 Datasheet HTML 44Page - Texas Instruments LP5523 Datasheet HTML 45Page - Texas Instruments LP5523 Datasheet HTML 46Page - Texas Instruments LP5523 Datasheet HTML 47Page - Texas Instruments LP5523 Datasheet HTML 48Page - Texas Instruments LP5523 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
45
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
This instruction sets the previous row active in the mapping table each time it is called. For example, if the 3rd
row is active at this moment, after mux_map_prev instruction call the 2nd row is active. If the mapping table start
address is reached, activation rolls to the mapping table end address next time the mux_map_prev instruction is
called. Engine does not push a new PWM value to the LED driver output before set_pwm or ramp instruction is
executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED
brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
MUX_LD_PREV
Similar than the mux_map_prev instruction, but only the index pointer is set to point to the previous row; that is,
no mapping is set, and the engine-to-LED-driver connection is not updated.
MUX_MAP_ADDR
Mux_map_addr sets the index pointer to point the mapping table row defined by bits [6:0] and sets the row
active. Engine does not push a new PWM value to the LED driver output before set_pwm or ramp instruction is
executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED
brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Any SRAM address containing mapping data.
MUX_LD_ADDR
Mux_ld_addr sets the index pointer to point the mapping table row defined by bits [6:0], but the row is not set
active.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Any SRAM address containing mapping data.
(1)
Valid for numerical operands.
(2)
Valid for variables.
7.6.6 Branch Instructions
BRANCH
Branch instruction is mainly indented for repeating a portion of the program code several times. Branch
instruction loads step number value to program counter. Loop count parameter defines how many times the
instructions inside the loop are repeated. The LP5523 supports nested looping; that is, loop inside loop. The
number of nested loops is not limited. Instruction takes sixteen 32 kHz clock cycles.
NAME
ACCEPTED VALUE (d)
DESCRIPTION
loop count(1)
0-63
The number of loops to be done. 0 means an infinite loop.
step number
0-95
The step number to be loaded to program counter.
loop count (2)
0-3
Selects the variable for loop count value. Loop count is loaded with the value of the
variable defined below.
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value
INT
Send interrupt to processor by pulling the INT pin down and setting corresponding status bit high. Interrupt can
be cleared by reading interrupt bits in STATUS/INTERRUPT register at address 3A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com