Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 49 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 45Page - Texas Instruments LP5523 Datasheet HTML 46Page - Texas Instruments LP5523 Datasheet HTML 47Page - Texas Instruments LP5523 Datasheet HTML 48Page - Texas Instruments LP5523 Datasheet HTML 49Page - Texas Instruments LP5523 Datasheet HTML 50Page - Texas Instruments LP5523 Datasheet HTML 51Page - Texas Instruments LP5523 Datasheet HTML 52Page - Texas Instruments LP5523 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
49
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5523 enables up to four parallel devices together, which can drive up to 12 RGB LEDs or 36 single LEDs.
Figure 26 shows the connections for two LP5523 devices for six RGB LEDs. Note that D7, D8, and D9 outputs
are used for the red LEDs. The SCL and SDA lines must each have a pullup resistor placed somewhere on the
line (R3 and R4; the pullup resistors are normally located on the bus master.). In typical applications, values of
1.8 kΩ to 4.7 kΩ are used, depending on the bus capacitance, I/O voltage, and the desired communication
speed. INT and TRIG are open-drain pins, which must have pullup resistors. Typical values for R1 and R2 are
from 120 kΩ to 180 kΩ for two devices.
8.2 Typical Applications
8.2.1 Using Two LP5523 Devices in Same Application
The LP5523 enables up to four parallel devices together, which can drive up to 12 RGB LEDs or 36 single LEDs.
This diagram shows the connections for two LP5523 devices for six RGB LEDs. Note that D7, D8 and D9
outputs are used for the red LEDs. The SCL and SDA lines must each have a pullup resistor placed somewhere
on the line (R3 and R4; The pullup resistors are normally located on the bus master.). In typical applications
values of 1.8 kΩ to 4.7 kΩ are used, depending on the bus capacitance, I/O voltage, and the desired
communication speed. INT and TRIG are open-drain pins, so they must have pullup resistors. Typical values for
R1 and R2 are from 120 k to 180 k for two devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com