Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 26Page - Texas Instruments LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
30
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
–
Run Program:Run program mode executes the instructions stored in the program memory. Execution
register (ENG1_EXEC etc.) bits define how the program is executed (hold, step, free run or execute
once). Program start address can be programmed to the PC register. The PC is reset to zero when the
PC’s upper limit value is reached.
–
Halt: Instruction execution aborts immediately, and engine operation halts.
–
01 — Bit [5:4] ENGINE1_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 1 PC.
–
10 = run program as defined by ENGINE1_EXEC bits.
–
11 = halts the engine.
–
01 — Bits [3:2] ENGINE2_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 2 PC.
–
10 = run program as defined by ENGINE2_EXEC bits.
–
11 = halts the engine.
–
01 — Bits [3:2] ENGINE3_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 3 PC.
–
10 = run program as defined by ENGINE3_EXEC bits.
–
11 = halts the engine.
02 OUTPUT DIRECT/RATIOMETRIC MSB
A particular feature of the LP5523 is the ratiometric up/down dimming of the RGB LEDs. In other words, the LED
driver PWM output varies in a ratiometric manner. By a ratiometric approach the emitted color of an RGB LED
remains the same regardless of the initial magnitudes of the R/G/B PWM outputs. For example, if the PWM
output of the red LED output is doubled, the output of green LED is doubled also.
•
02 — Bit [0] D9_RATIO_EN
–
1 = enables ratiometric dimming for D9 output.
–
0 = disables ratiometric dimming for D9 output.
03 OUTPUT DIRECT/RATIOMETRIC LSB
•
03 — Bit [7] D8_RATIO_EN
–
1 = enables ratiometric dimming for D8 output.
–
0 = disables ratiometric dimming for D8 output.
–
•
03 — Bit [0] D1_RATIO_EN to Bit [6] D7_RATIO_EN
–
The options for D1 output to D7 output are the same as previous: see 03 — Bit [7].
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com