Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 6Page - Texas Instruments LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments LP5523 Datasheet HTML 10Page - Texas Instruments LP5523 Datasheet HTML 11Page - Texas Instruments LP5523 Datasheet HTML 12Page - Texas Instruments LP5523 Datasheet HTML 13Page - Texas Instruments LP5523 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
95
90
85
80
75
70
65
60
55
6 x NICHIA NSCW100 WLED
6 x 10 mA
6 x 15 mA
VDD (V)
2.7
3.3
3.9
4.5
5.1
95
90
85
80
75
70
65
60
55
85
80
75
70
65
60
55
3 x SHARP GM5WA06270A RGB-LED
9 x 6.7 mA
9 x 10 mA
VDD (V)
2.7
3.3
3.9
4.5
5.1
85
80
75
70
65
60
55
VOUT 2V/DIV
SCL
SDA
STOP CONDITION
TIME (40 Ps/DIV)
EXTERNAL CLK (RIGHT SCALE)
INTERNAL CLK (LEFT SCALE)
750
1k
500
250
0
VDD (V)
15
20
10
5
0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
10
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VDD = 3.6 V, CIN = COUT = 1 µF, C1 = C2 = 0.47 µF, TA = 25°C; CIN, COUT, C1, C2: low-ESR
surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
Charge Pump In 1× Mode
If the charge pump is OFF the supply current is even lower.
Figure 9. Power-Save Mode Supply Current vs VDD
VDD = 3.6 V
ILOAD = 60 mA
Figure 10. Serial Bus Write (51h To Addr 36h) and
Charge-Pump Start-up Waveform
Figure 11. 100% PWM RGB LED Efficiency vs VDD
Figure 12. 100% PWM WLED Efficiency vs VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com