Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge PumpDSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.5.1.4.1
Control Register Write Cycle
Master device generates start condition.
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
Slave device sends acknowledge signal if the slave address is correct
Master sends control register address (8 bits).
Slave sends acknowledge signal.
Master sends data byte to be written to the addressed register.
Slave sends acknowledge signal.
If master sends further data bytes, the slave’s control register address is incremented by one after
acknowledge signal. In order to reduce program load time, the LP5523 supports address auto incrementation.
Register address is incremented after each 8 data bits. For example, the whole program memory page can
be written in one serial bus write sequence. Note: serial bus address auto increment is not supported for
register addresses from 16 to 1E.
Write cycle ends when the master creates stop condition.
7.5.1.4.2
Control Register Read Cycle
Master device generates a start condition.
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
Slave device sends acknowledge signal if the slave address is correct
Master sends control register address (8 bits).
Slave sends acknowledge signal.
Master device generates repeated start condition.
Master sends the slave address (7 bits) and the data direction bit (r/w = 1).
Slave sends acknowledge signal if the slave address is correct.
Slave sends data byte from addressed register.
If the master device sends an acknowledge signal, the control register address is incremented by one. Slave
device sends data byte from addressed register.
Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop
condition
7.5.1.4.3
Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an 8-
bit word is sent to the LP5523, the internal address index counter is incremented by one, and the next register is
written. Example below (Table 2) shows writing sequence to two consecutive registers. Auto-increment feature is
enabled by writing EN_AUTO_INCR bit high in the MISC register (addr 36h). Note: serial bus address auto
increment is not supported for register addresses from 16 to 1E.
Table 2. Auto Increment Example.
MASTER
START
CHIP
ADDR
=32H
WRITE
REG
ADDR
DATA
DATA
STOP
LP5523
ACK
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com