Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 36 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments LP5523 Datasheet HTML 35Page - Texas Instruments LP5523 Datasheet HTML 36Page - Texas Instruments LP5523 Datasheet HTML 37Page - Texas Instruments LP5523 Datasheet HTML 38Page - Texas Instruments LP5523 Datasheet HTML 39Page - Texas Instruments LP5523 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
36
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
40 TEMPERATURE WRITE
•
40 — Bits [7:0] TEMPERATURE
–
These bits are used for storing an 8-bit temperature reading acquired from an external sensor, if such a
sensor is used. Temperature reading is stored in 8-bit two's complement format, like in 3F
TEMPERATURE READ register.
NOTE
When writing temperature data outside the range of the temperature compensation:
Values greater than 89°C are set to 89°C; values less than
−39°C are set to −39°C.
41 LED TEST CONTROL
•
LED test control register
–
41 — Bit [7] EN_LEDTEST_ADC
–
Writing this bit high (1) fires single LED test conversion. LED test measurement cycle is 2.7 milliseconds.
•
41 — Bit [6] EN_LEDTEST_INT
–
1 = interrupt signal is sent to the INT pin when the LED test is accomplished.
–
0 = no interrupt signal is sent to the INT pin when the LED test is accomplished.
–
Interrupt can be cleared by reading STATUS/INTERRUPT register 3A.
•
41 — Bit [5] CONTINUOUS_CONV
–
1 = continuous LED test measurement. Not active in power-save mode.
–
0 = continuous conversion is disabled.
•
41 — Bits [4:0] LED__TEST_CTRL
–
These bits are used for choosing the LED driver output to be measured. VDD, INT-pin, and charge-pump
output voltage can be measured, also.
LED_TEST_CTRL BITS
MEASUREMENT
00000
D1
00001
D2
00010
D3
00011
D4
00100
D5
00101
D6
00110
D7
00111
D8
01000
D9
01001 to 01110
Reserved
01111
VOUT
10000
VDD
10001
INT-pin voltage
10010 to 11111
N/A
42 LED TEST ADC
•
42 — Bits [7:0] LED_TEST_ADC
–
This is used to store the LED test result. Read-only register. LED test ADC's least significant bit
corresponds to 30 mV. The measured voltage V (typical) is calculated as follows: V = (RESULT(DEC) ×
0.03 – 1.478 V. For example, if the result is 10100110 = 166(DEC), the measured voltage is 3.5 V
(typical). See Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com