Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments LP5523 Datasheet HTML 35Page - Texas Instruments LP5523 Datasheet HTML 36Page - Texas Instruments LP5523 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
33
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
27 D2 CURRENT CONTROL to 2E D9 CURRENT CONTROL
•
The control registers and control bits for D2 output up to D9 output are similar to that given to D1 output.
36 MISC
•
This register contains miscellaneous control bits.
–
36 — Bit [7] VARIABLE_D_SEL
–
Variable D source selection
–
1 = variable D source is the LED test ADC output (LED TEST ADC). This allows, for example, program
execution control with analog signal.
–
0 = variable D source is the register 3C (VARIABLE).
–
36 — Bit [6] EN_AUTO_INCR
–
The automatic increment feature of the serial bus address enables a quick memory write of successive
registers within one transmission.
–
1 = serial bus address automatic increment is enabled.
–
0 = serial bus address automatic increment is disabled.
–
36 — Bit [5] POWERSAVE_EN
–
1 = power save mode is enabled.
–
0 = power save mode is disabled. See Automatic Power-Save Mode for further details.
–
36 — Bits [4:3] CP_MODE
–
Charge-pump-operation mode
–
00 = OFF
–
01 = forced to bypass mode (1×)
–
10 = forced to 1.5× mode; output voltage is boosted to 4.5 V
–
11 = automatic mode selection
–
36 — Bit [2] PWM_PS_EN
–
Enables PWM power-save operation. Significant power savings can be achieved, for example, during
ramp instruction.
–
36 — Bits [1:0] CLK_DET_EN and INT_CLK_EN
–
Program execution is clocked with internal 32.7-kHz clock or with an external clock. Clocking is
controlled with bits INT_CLK_EN and CLK_DET_EN in the following way:
–
00 = forced external clock (CLK pin).
–
01 = forced internal clock.
–
10 = automatic selection.
–
11 = internal clock.
–
External clock can be used if a clock signal is present on CLK-pin. External clock frequency must be
32.7 kHz for correct operation. If a higher or a lower frequency is used, it affects the program execution
engine operation speed. The detector block does not limit the maximum frequency. External clock
status can be checked with read only bit EXT_CLK_USED in register address 3A, when the external
clock detection is enabled (Bit [1] CLK_DET_EN = high).
–
If external clock is not used in the application, CLK pin should be connected to GND to avoid
oscillation on this pin and extra current consumption.
37 ENGINE1 PC
•
Program counter starting value for program execution engine 1; a value from 0000000 to 1011111. The
maximum value depends on program memory allocation between the three program execution engines.
38 ENGINE2 PC
•
38 — Bits [6:0] PC
–
Program counter starting value for program execution engine 2; a value from 0000000 to 1011111.
39 ENGINE3 PC
•
39 — Bits [6:0] PC
–
Program counter starting value for program execution engine 3; a value from 0000000 to 1011111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com