Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments LP5523 Datasheet HTML 10Page - Texas Instruments LP5523 Datasheet HTML 11Page - Texas Instruments LP5523 Datasheet HTML 12Page - Texas Instruments LP5523 Datasheet HTML 13Page - Texas Instruments LP5523 Datasheet HTML 14Page - Texas Instruments LP5523 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
CHARGE PUMP
1x/1.5x
C2
0.47 µF
C1
0.47 µF
COUT
1 µF
VOUT
C1+
C1- C2+
C2-
D/A
D1
D2
D6
D7
D8
D9
PROGRAM
MEMORY
50H TO 6FH;
96
INSTRUCTIONS
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
12-BIT PWM
PATTERN
CONTROL
8-BIT
MAXIMUM
CURRENT
CONTROL
IDAC AND
HIGH SIDE
LED
DRIVERS
SCL
SDA
EN
CLK
INT
ASEL1
ASEL0
TRIG
GPO
SERIAL
DATA
CTRL
REG
POR
THERMAL
SHUTDOWN
CLK
DET
1.25 MHz
OSC
BIAS
VREF
CONTROL
GND
CIN
1 µF
VDD
VDD
TEMP
COMP
Copyright © 2016, Texas Instruments Incorporated
11
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP5523 is a fully integrated lighting management unit for producing lighting effects for mobile devices. The
LP5523 includes all necessary power management, high-side current sources, temperature compensation, two-
wire control interface and programmable pattern generators. The overall maximum current for each driver is set
by an 8-bit register.
The LP5523 controls LED luminance with a pulse width modulation (PWM) scheme with a resolution of 12 bits.
Also, the temperature compensation is done by PWM.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com