Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 3 Page - Texas Instruments

  LP5523 Datasheet HTML 1Page - Texas Instruments LP5523 Datasheet HTML 2Page - Texas Instruments LP5523 Datasheet HTML 3Page - Texas Instruments LP5523 Datasheet HTML 4Page - Texas Instruments LP5523 Datasheet HTML 5Page - Texas Instruments LP5523 Datasheet HTML 6Page - Texas Instruments LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
1
2
3
4
5
E
D
C
B
A
5
4
3
1
E
D
B
2
C
A
3
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
A: Analog Pin G: Ground Pin P: Power Pin I: Input Pin I/O: Input/Output Pin O: Output Pin OD: Open Drain Pin
5 Pin Configuration and Functions
YFQ Package
25-Pin DSBGA
Top View
YFQ Package
25-Pin DSBGA
Bottom View
Pin Functions(1)
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
D1
A
Current source output 1
A2
D2
A
Current source output 2
A3
VOUT
A
Charge pump output
A4
C2
−
A
Flying capacitor 2 negative terminal
A5
C2+
A
Flying capacitor 2 positive terminal
B1
D3
A
Current source output 3
B2
D4
A
Current source output 4
B3
ASEL1
I
Serial interface address select input
B4
C1
−
A
Flying capacitor 1 negative terminal
B5
C1+
A
Flying capacitor 1 positive terminal
C1
D5
A
Current source output 5
C2
D6
A
Current source output 6
C3
ASEL0
I
Serial interface address select input
C4
EN
I
Enable
C5
VDD
P
Input power supply
D1
D7
A
Current source output 7 - powered from VDD
D2
D8
A
Current source output 8 - powered from VDD
D3
INT
OD/O
Interrupt for microcontroller unit. Leave unconnected if not used
D4
CLK
I
32 kHz clock input. Connect to ground if not used
D5
GND
G
Ground
E1
D9
A
Current source output 9 - powered from VDD
E2
GPO
O
General purpose output. Leave unconnected if not used
E3
TRIG
I/OD
Trigger. Connect to ground if not used.
E4
SDA
I/OD
Serial interface data
E5
SCL
I
Serial interface clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com