Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 16Page - Texas Instruments LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
ack from slave
start
MSB Chip Addr LSB
SCL
ack from slave
w
MSB Register Addr LSB
rs
r
MSB
Data
LSB
stop
ack from slave
nack from master
repeated start
data from slave
SDA
start
id =32h
w ack
address = 3Fh
ack
rs
r ack
address 3Fh data
nack
stop
MSB Chip Address LSB
id = 32h
start
MSB Chip Addr LSB
w
ack
MSB Register Addr LSB
ack
MSB
Data LSB
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 32h
w
ack
addr = 40h
ack
ack
address 40h data
stop
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
0
1
I
2
C Slave Address (chip address)
20
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Programming (continued)
7.5.1.4 I2C-Compatible Chip Address
ASEL0 and ASEL1 pins configure the chip address for the LP5523 as shown in Table 1.
Table 1. LP5523 Chip Address Configuration
ASEL1
ASEL0
ADDRESS
8-BIT HEX ADDRESS
(HEX)
WRITE/READ
GND
GND
32
64/65
GND
VEN
33
66/67
VEN
GND
34
68/69
VEN
VEN
35
6A/6B
Figure 20. LP5523 Chip Address
This data pattern writes temperature information to the TEMPERATURE WRITE register (40h).
Figure 21. Write Cycle (W = Write; SDA = 0), Id = Chip Address = 32h for LP5523
This data pattern reads temperature information from the TEMPERATURE READ register (3Fh). When a READ
function is to be accomplished, a WRITE function must precede the READ function.
Figure 22. Read Cycle (R = Read; SDA = 1), Id = Chip Address = 32h for LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com