Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PPA Datasheet (PDF) - Sames

SA2002PPA Datasheet PDF - Sames
Part # SA2002PPA
Download  SA2002PPA Download
File Size   127.27 Kbytes
Page   14 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application

SA2002PPA Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2002PPA Datasheet PDF - Sames

Part # SA2002PPA
Download  SA2002PPA Click to download

File Size   127.27 Kbytes
Page   14 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application

SA2002PPA Datasheet (HTML) - Sames


SA2002PPA Product details

DESCRIPTION

The SAMES SA2002P provides a single chip solution for single phase mechanical counter based energy meters. A precision oscillator, that replaces an external crystal is integrated on chip.



FEATURES

Provides a single chip solution for energy meters with a mechanical display

No external crystal or resonator required

Precision on chip oscillator (<60ppm/°C drift)

Direct stepper motor/impulse counter drive

Calibration and setup stored on external EEPROM - no trimpots required

Flexible programmable features

Unidirectional and bi-directional power and energy measurement

Can measure AC or DC energy.

Meets the IEC 61036 Specification for Class 1 AC Watt hour meters

Less than 1% error over a dynamic range of 1:1000

Protected against ESD

Total power consumption rating below 30mW

Adaptable to different types of sensors

Operates over a wide temperature range

Precision voltage reference on-chip (<100ppm/°C drift)




Similar Part No. - SA2002PPA

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002 SAMES-SA2002 Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002EPA SAMES-SA2002EPA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002ESA SAMES-SA2002ESA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Similar Description - SA2002PPA

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA2005P SAMES-SA2005P Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 77P
Programmable poly-phase energy calculator IC
24-Apr-2012
logo
Sames
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com