Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PPA Datasheet(PDF) 4 Page - Sames

Part # SA2002PPA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PPA Datasheet(HTML) 4 Page - Sames

  SA2002PPA Datasheet HTML 1Page - Sames SA2002PPA Datasheet HTML 2Page - Sames SA2002PPA Datasheet HTML 3Page - Sames SA2002PPA Datasheet HTML 4Page - Sames SA2002PPA Datasheet HTML 5Page - Sames SA2002PPA Datasheet HTML 6Page - Sames SA2002PPA Datasheet HTML 7Page - Sames SA2002PPA Datasheet HTML 8Page - Sames SA2002PPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
sames
SA2002P
Figure 3: Analog input internal configuration
http://www.sames.co.za
FUNCTIONAL DESCRIPTION
The SA2002P is a CMOS mixed signal Analog/Digital
integrated circuit, which performs power/energy calculations
across a power range of 1000:1, to an overall accuracy of
better than Class 1.
The integrated circuit includes all the required functions for
single phase power and energy measurement such as
oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration.
Internal
offsets are eliminated through the use of cancellation
procedures.
In Figure 9, the voltage drop across the shunt r
The input circuitry of the current and voltage sensor inputs are
illustrated in figure 3. These inputs are protected against
electrostatic discharge through clamping diodes.
Various pulse outputs (MOP, MON and LED) are available.
The pulse rate on these pins follows the active power
consumption measured.
A 5V stepper motor may be driven directly from the SA2002P
by connecting it between the MOP and MON pins, alternatively
an impulse counter may be driven directly by connecting it
between MOP and V .
The SA2002P configures itself from an external low cost
EEPROM that contains all meter configuration and calibration
data. No external trimming is required. Calibration of the
device may be fully automated.
esistor should
be more than 16mV at rated load current. The voltage is
converted to current by means of resistors R
and R . The
current sense input saturates at an input current of ±25µA
peak.
The mains voltage (230VAC) is divided down through a divider
to
. The current into the A/D converter input is set at
at nominal mains voltage, via resistor R (1M
.
See Device Configuration for more details on the processing of
measured energy to frequency outputs.
The feedback loops from the outputs of the amplifiers A and A
generate virtual shorts on the signal inputs. Exact duplications
of the input currents are generated for the analog signal
processing circuitry.
SS
POWER CALCULATION
ANALOG INPUT CONFIGURATION
10
11
7
IV
14V
14µA
RMS
RMS
W)
AUTOMATIC DEVICE CONFIGURATION (BOOT UP)
ELECTROSTATIC DISCHARGE (ESD)
PROTECTION
POWER CONSUMPTION
During power up, registers containing configuration and
calibration information are updated from an external
EEPROM. The device itself never writes to the EEPROM so
any write protect features offered by manufacturer of
EEPROM's may be used to protect the configuration and
calibration constants of the meter. The device reloads its
configuration every 1193 seconds from the external EEPROM
in order to ensure correct operation of the meter. Every data
byte stored in the EEPROM is protected with a checksum byte
to ensure data integrity.
The SA2002P integrated circuit's input's/outputs are protected
against ESD.
The power consumption rating of the SA2002P integrated
circuit is less than 30mW.
VOLTAGE
SENSOR
INPUT
IVP
DR-01288
SS
V
CURRENT
SENSOR
INPUTS
IIP
IIN
SS
V
VDD
SS
V
VDD
DD
V
GND
A V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com