Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PPA Datasheet(PDF) 2 Page - Sames

Part # SA2002PPA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PPA Datasheet(HTML) 2 Page - Sames

  SA2002PPA Datasheet HTML 1Page - Sames SA2002PPA Datasheet HTML 2Page - Sames SA2002PPA Datasheet HTML 3Page - Sames SA2002PPA Datasheet HTML 4Page - Sames SA2002PPA Datasheet HTML 5Page - Sames SA2002PPA Datasheet HTML 6Page - Sames SA2002PPA Datasheet HTML 7Page - Sames SA2002PPA Datasheet HTML 8Page - Sames SA2002PPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
sames
SA2002P
2/14
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
(
V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
#
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
I
= -2mA
OH
I
= 5mA
OL
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
6
5
mA
I
SS
6
5
mA
V
V
V
V
IH
IL
V-1
DD
V+1
SS
V
V
V
V
OH
OL
V-1
DD
V+1
SS
With R = 24k
connected to V
Reference to V
W
SS
SS
µA
V
45
1.1
55
1.3
-I
V
R
R
50
-I
IL
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
3.6V
6.0
V
Current on any pin
I
-150
+150
mA
Storage Temperature
T
-40
+125
°C
Operating Temperature
T
-40
+85
°C
DD
SS
PI N
STG
O
Parameter
Min
Max
Unit
Symbol
#Extended Operating Temperature Range available on request.
Operating temp. Range
Supply Current: Negative
Supply Voltage: Positive
Supply Voltage: Negative
Supply Current: Positive
Voltage Sensor Input (Asymmetrical)
Current Sensor Inputs (Differential)
Input Current Range
Input Current Range
Pin VREF
Ref. Current
Ref. Voltage
Digital I/O
Pins RLOAD, TEST, SDA
Input High Voltage
Input Low Voltage
Pins MOP, MON, LED, FMO,
SCL, DIRO
Output High Voltage
Output Low Voltage
Pin SDA
Pull up current
24
54
µA
V= V
ISS
I
IH
Pin RLOAD, TEST
Pull down current
48
110
µA
V= V
IDD
*Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at these or any other condition above
those indicated in the operational sections of this specification, is not
implied. Exposure to Absolute Maximum Ratings for extended periods
may affect device reliability.
ATTENTION!
Electrostatic
sensitive devices.
Requires special
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com