Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PPA Datasheet(PDF) 1 Page - Sames

Part # SA2002PPA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PPA Datasheet(HTML) 1 Page - Sames

  SA2002PPA Datasheet HTML 1Page - Sames SA2002PPA Datasheet HTML 2Page - Sames SA2002PPA Datasheet HTML 3Page - Sames SA2002PPA Datasheet HTML 4Page - Sames SA2002PPA Datasheet HTML 5Page - Sames SA2002PPA Datasheet HTML 6Page - Sames SA2002PPA Datasheet HTML 7Page - Sames SA2002PPA Datasheet HTML 8Page - Sames SA2002PPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
+
+
+
+
+
+
+
Provides a single chip solution for energy meters with a
mechanical display
No external crystal or resonator required
Precision on chip oscillator (<60ppm/°C drift)
Direct stepper motor/impulse counter drive
Calibration and setup stored on external EEPROM - no
trimpots required
Flexible programmable features
Unidirectional and bi-directional power and energy
measurement
sames
Programmable Single Phase Kilowatt-hour
Energy IC for Mechanical Counter
Application
SA2002P
1/14
SPEC-0087 (REV. 5)
05-09-02
+
+
+
+
+
+
+
+
Can measure AC or DC energy.
Meets the IEC 61036 Specification for Class 1 AC Watt
hour meters
Less than 1% error over a dynamic range of 1:1000
Protected against ESD
Total power consumption rating below 30mW
Adaptable to different types of sensors
Operates over a wide temperature range
Precision voltage reference on-chip (<100ppm/°C drift)
DESCRIPTION
The SAMES SA2002P provides a single chip solution for
single phase mechanical counter based energy meters. A
precision oscillator, that replaces an external crystal is
integrated on chip.
The SA2002P does not require any external trim-pots. All
required calibration and configuration data is read from a small
external EEPROM. The data stored in the EEPROM consists
of direction mode (unidirectional or bidirectional), calibration
data, meter rated conditions, LED pulse rate, counter pulse
width, counter resolution and creep threshold. A
programmable high frequency pulse output is available on the
LED output for meter calibration purposes.
The SA2002P single phase kWh metering integrated circuit
generates a pulse rate with a frequency proportional to the
power consumption. The SA2002P performs active power
measurement and takes the power factor into account.
The SA2002P integrated circuit is available in 16 pin dual-in-
line plastic (PDIP16) and small outline (SOIC16) package
types.
Figure 1: Block diagram
IIP
IIN
IVP
GND
VREF
DR-01607
POWER
TO
PULSE RATE
DIRO
V
DD
V
SS
POWER
INTEGRATOR
ANALOG
SIGNAL
PROCESSING
TIMING
OSC
VOLTAGE
REF.
IIC BUS
INTERFACE
LED
MOP
MON
RLOAD
TEST
SCL
SDA
FMO


Similar Part No. - SA2002PPA

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002 SAMES-SA2002 Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002EPA SAMES-SA2002EPA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002ESA SAMES-SA2002ESA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results

Similar Description - SA2002PPA

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA2005P SAMES-SA2005P Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 77P
Programmable poly-phase energy calculator IC
24-Apr-2012
logo
Sames
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com